Electronic Components Datasheet Search
  English  ▼

X  

ISP1122D Datasheet(PDF) 16 Page - NXP Semiconductors

Part # ISP1122D
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122D Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button ISP1122D Datasheet HTML 12Page - NXP Semiconductors ISP1122D Datasheet HTML 13Page - NXP Semiconductors ISP1122D Datasheet HTML 14Page - NXP Semiconductors ISP1122D Datasheet HTML 15Page - NXP Semiconductors ISP1122D Datasheet HTML 16Page - NXP Semiconductors ISP1122D Datasheet HTML 17Page - NXP Semiconductors ISP1122D Datasheet HTML 18Page - NXP Semiconductors ISP1122D Datasheet HTML 19Page - NXP Semiconductors ISP1122D Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
16 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Selected by input SP/BP.
[2]
Value in units of 2 mA.
Table 11: Configuration descriptor
Values in square brackets are optional.
Offset
(bytes)
Field name
Size
(bytes)
Value
(Hex)
Comments
0
bLength
1
09
descriptor length=9bytes
1
bDescriptorType
1
02
type = CONFIGURATION
2
wTotalLength
2
19, 00
total length of configuration, interface
and endpoint descriptors (25 bytes)
4
bNumInterfaces
1
01
one interface
5
bConfigurationValue
1
01
configuration value = 1
6
iConfiguration
1
00
no configuration string
7
bmAttributes
1
E0
self-powered with remote wake-up [1]
A0
bus-powered with remote wake-up [1]
8
MaxPower [2]
1
32
100 mA (default)
[00]
0 mA (using an external EEPROM)
[FA]
500 mA (using an external EEPROM)
Table 12: Interface descriptor
Offset
(bytes)
Field name
Size
(bytes)
Value
(Hex)
Comments
0
bLength
1
09
descriptor length=9bytes
1
bDescriptorType
1
04
type = INTERFACE
2
bInterfaceNumber
1
00
-
3
bAlternateSetting
1
01
no alternate setting
4
bNumEndpoints
1
01
status change (interrupt) endpoint
5
bInterfaceClass
1
09
HUB_CLASSCODE
6
bInterfaceSubClass
1
00
-
7
bInterfaceProtocol
1
00
no class-specific protocol
8
bInterface
1
00
no interface string
Table 13: Endpoint descriptor
Offset
(bytes)
Field name
Size
(bytes)
Value
(Hex)
Comments
0
bLength
1
07
descriptor length=7bytes
1
bDescriptorType
1
05
type = ENDPOINT
2
bEndpointAddress
1
81
endpoint 1, direction: IN
3
bmAttributes
1
03
interrupt endpoint
4
wMaxPacketSize
2
01, 00
packet size = 1 byte
6
bInterval
1
FF
polling interval (255 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com