Electronic Components Datasheet Search
  English  ▼

X  

ISP1122D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ISP1122D
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ISP1122D Datasheet HTML 14Page - NXP Semiconductors ISP1122D Datasheet HTML 15Page - NXP Semiconductors ISP1122D Datasheet HTML 16Page - NXP Semiconductors ISP1122D Datasheet HTML 17Page - NXP Semiconductors ISP1122D Datasheet HTML 18Page - NXP Semiconductors ISP1122D Datasheet HTML 19Page - NXP Semiconductors ISP1122D Datasheet HTML 20Page - NXP Semiconductors ISP1122D Datasheet HTML 21Page - NXP Semiconductors ISP1122D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
18 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
9.4 Hub responses
This section describes the hub responses to requests from the USB host.
9.4.1
Get device status
The hub returns 2 bytes, see Table 16.
9.4.2
Get configuration
The hub returns 1 byte, see Table 17.
9.4.3
Get interface status
The hub returns 2 bytes, see Table 18.
9.4.4
Get hub status
The hub returns 4 bytes, see Table 19.
Table 16: Get device status response
Bit #
Function
Value
Description
0
self-powered
0
bus-powered
1
self-powered
1
remote wake-up
0
no remote wake-up
1
remote wake-up enabled
2 to 15
reserved
0
-
Table 17: Get configuration response
Bit #
Function
Value
Description
0
configuration value
0
device not configured
1
device configured
1 to 7
reserved
0
-
Table 18: Get interface status response
Bit #
Function
Value
Description
0 to 15
reserved
0
-
Table 19: Get hub status response
Bit #
Function
Value
Description
0
local power source
0
local power supply good
1
local power supply lost
1
overcurrent indicator
0
no overcurrent condition
1
hub overcurrent condition detected
2 to 15
reserved
0
-
16
local power status change
0
no change in local power status
1
local power status changed
17
overcurrent indicator change 0
no change in overcurrent condition
1
overcurrent condition changed
18 to 31
reserved
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com