Electronic Components Datasheet Search
  English  ▼

X  

ISP1122D Datasheet(PDF) 31 Page - NXP Semiconductors

Part # ISP1122D
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122D Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button ISP1122D Datasheet HTML 27Page - NXP Semiconductors ISP1122D Datasheet HTML 28Page - NXP Semiconductors ISP1122D Datasheet HTML 29Page - NXP Semiconductors ISP1122D Datasheet HTML 30Page - NXP Semiconductors ISP1122D Datasheet HTML 31Page - NXP Semiconductors ISP1122D Datasheet HTML 32Page - NXP Semiconductors ISP1122D Datasheet HTML 33Page - NXP Semiconductors ISP1122D Datasheet HTML 34Page - NXP Semiconductors ISP1122D Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
31 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
14. Static characteristics
[1]
In ‘suspend’ mode the minimum voltage is 2.7 V.
[1]
Bus-powered mode.
[2]
Self-powered or hybrid-powered mode.
Table 26: Static characteristics; supply pins
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vreg(3.3)
regulated supply voltage
3.0 [1]
3.3
3.6
V
ICC
operating supply current
-
18
-
mA
ICC(susp)
suspend supply current
1.5 k
Ω pull-up on upstream
port D
+ (pin DP0)
-
-
270
µA
no pull-up on upstream port
D
+ (pin DP0)
--80
µA
Table 27: Static characteristics: digital pins
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input levels
VIL
LOW-level input voltage
-
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
-
V
Schmitt trigger inputs
Vth(LH)
positive-going threshold
voltage
1.4
-
1.9
V
Vth(HL)
negative-going threshold
voltage
0.9
-
1.5
V
Vhys
hysteresis voltage
0.4
-
0.7
V
Output levels
VOL
LOW-level output voltage
(open drain outputs)
IOL = 6 mA
-
-
0.4
V
IOL =20 µA
-
-
0.1
V
Leakage current
ILI
input leakage current
-
-
±1
µA
Open-drain outputs
IOZ
OFF-state output current
-
-
±1
µA
Table 28: Static characteristics: overcurrent sense pins
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
∆Vtrip
overcurrent detection
trip voltage on OCn pins
∆V=V
CC − VOCn
[1]
65
85
105
mV
∆V=V
SP/BP − VOCn
[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com