Electronic Components Datasheet Search
  English  ▼

X  

ISP1122D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # ISP1122D
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button ISP1122D Datasheet HTML 15Page - NXP Semiconductors ISP1122D Datasheet HTML 16Page - NXP Semiconductors ISP1122D Datasheet HTML 17Page - NXP Semiconductors ISP1122D Datasheet HTML 18Page - NXP Semiconductors ISP1122D Datasheet HTML 19Page - NXP Semiconductors ISP1122D Datasheet HTML 20Page - NXP Semiconductors ISP1122D Datasheet HTML 21Page - NXP Semiconductors ISP1122D Datasheet HTML 22Page - NXP Semiconductors ISP1122D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
19 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
9.4.5
Get port status
The hub returns 4 bytes. The first 2 bytes contain the port status bits (wPortStatus,
see Table 20). The last 2 bytes hold the port status change bits (wPortChange, see
Table 21).
Table 20: Get port status response (wPortStatus)
Bit #
Function
Value
Description
0
current connect status
0
no device present
1
device present on this port
1
port enabled/disabled
0
port disabled
1
port enabled
2
suspend
0
port not suspended
1
port suspended
3
overcurrent indicator
0
no overcurrent condition
1
overcurrent condition detected
4
reset
0
reset not asserted
1
reset asserted
5 to 7
reserved
0
-
8
port power
0
port powered off
1
port power on
9
low-speed device attached
0
full-speed device attached
1
low-speed device attached
10 to 15
reserved
0
-
Table 21: Get port status response (wPortChange)
Bit #
Function
Value
Description
0
connect status change
0
no change in current connect status
1
current connect status changed
1
port enabled/disabled
change
0
no port error
1
port disabled by a port error
2
suspend change
0
no change in suspend status
1
resume complete
3
overcurrent indicator change 0
no change in overcurrent status
1
overcurrent indicator changed
4
reset change
0
no change in reset status
1
reset complete
5 to 15
reserved
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com