Electronic Components Datasheet Search
  English  ▼

X  

ISP1122D Datasheet(PDF) 38 Page - NXP Semiconductors

Part # ISP1122D
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122D Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button ISP1122D Datasheet HTML 34Page - NXP Semiconductors ISP1122D Datasheet HTML 35Page - NXP Semiconductors ISP1122D Datasheet HTML 36Page - NXP Semiconductors ISP1122D Datasheet HTML 37Page - NXP Semiconductors ISP1122D Datasheet HTML 38Page - NXP Semiconductors ISP1122D Datasheet HTML 39Page - NXP Semiconductors ISP1122D Datasheet HTML 40Page - NXP Semiconductors ISP1122D Datasheet HTML 41Page - NXP Semiconductors ISP1122D Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
38 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
16. Test information
The dynamic characteristics of the analog I/O ports (D
+ and D−) as listed in Table 32
and Table 33, were determined using the circuit shown in Figure 22.
Fig 21. I2C-bus timing.
handbook, full pagewidth
P
S
S
P
MGR779
tHD;STA
tBUF
tHD;STA
tSU;STA
tSU;DAT
tf
tHIGH
tSU;STO
tr
tHD;STA
tLOW
SDA
SCL
Load capacitance:
CL = 50 pF (full-speed mode)
CL = 200 pF or 600 pF (low-speed mode, minimum or maximum timing).
Speed selection:
full-speed mode (FS): 1.5 k
Ω pull-up resistor on D+
low-speed mode (LS): 1.5 k
Ω pull-up resistor on D−.
Fig 22. Load impedance for D+ and D- pins.
MGR775
handbook, halfpage
S1
S1
test point
test
closed
closed
open
open
D
−/LS
D
+/LS
D
−/FS
D
+/FS
CL
Vreg(3.3)
15 k
Ω
RPU
1.5 k
Ω
20
Ω
D.U.T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com