Electronic Components Datasheet Search
  English  ▼

X  

ISP1161 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # ISP1161
Description  Full-speed Universal Serial Bus single-chip host and device controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button ISP1161 Datasheet HTML 22Page - NXP Semiconductors ISP1161 Datasheet HTML 23Page - NXP Semiconductors ISP1161 Datasheet HTML 24Page - NXP Semiconductors ISP1161 Datasheet HTML 25Page - NXP Semiconductors ISP1161 Datasheet HTML 26Page - NXP Semiconductors ISP1161 Datasheet HTML 27Page - NXP Semiconductors ISP1161 Datasheet HTML 28Page - NXP Semiconductors ISP1161 Datasheet HTML 29Page - NXP Semiconductors ISP1161 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
Philips Semiconductors
ISP1161
Full-speed USB single-chip host and device controller
Product data
Rev. 01 — 3 July 2001
26 of 130
9397 750 08313
© Philips Electronics N.V. 2001. All rights reserved.
Table 5:
Philips Transfer Descriptor (PTD): bit description
Symbol
Access
Description
ActualBytes[9:0]
R/W
Contains the number of bytes that were transferred for this PTD
CompletionCode[3:0]
R/W
0000
NoError
General TD or isochronous data packet processing
completed with no detected errors.
0001
CRC
Last data packet from endpoint contained a CRC error.
0010
BitStuffing
Last data packet from endpoint contained a bit stuffing
violation.
0011
DataToggleMismatch
Last packet from endpoint had data toggle PID that did
not match the expected value.
0100
Stall
TD was moved to the Done queue because the
endpoint returned a STALL PID.
0101
DeviceNotResponding
Device did not respond to token (IN) or did not provide a
handshake (OUT).
0110
PIDCheckFailure
Check bits on PID from endpoint failed on data PID (IN)
or handshake (OUT)
0111
UnexpectedPID
Received PID was not valid when encountered or PID
value is not defined.
1000
DataOverrun
The amount of data returned by the endpoint exceeded
either the size of the maximum data packet allowed
from the endpoint (found in MaximumPacketSize field of
ED) or the remaining buffer size.
1001
DataUnderrun
The endpoint returned is less than MaximumPacketSize
and that amount was not sufficient to fill the specified
buffer.
1010
reserved
-
1011
reserved
-
1100
BufferOverrun
During an IN, the HC received data from an endpoint
faster than it could be written to system memory.
1101
BufferUnderrun
During an OUT, the HC could not retrieve data from the
system memory fast enough to keep up with the USB
data rate.
Active
R/W
Set to logic 1 by firmware to enable the execution of transactions by the HC. When the
transaction associated with this descriptor is completed, the HC sets this bit to logic 0,
indicating that a transaction for this element should not be executed when it is next
encountered in the schedule.
Toggle
R/W
Used to generate or compare the data PID value (DATA0 or DATA1). It is updated after
each successful transmission or reception of a data packet.
MaxPacketSize[9:0]
R
The maximum number of bytes that can be sent to or received from the endpoint in a
single data packet.
EndpointNumber[3:0]
R
USB address of the endpoint within the function.
Last(PTD)
R
Last PTD of a list (ITL or ATL). A logic 1 indicates that the PTD is the last PTD.
(Low)Speed
R
Speed of the endpoint:
S = 0 — full speed
S = 1 — low speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com