Electronic Components Datasheet Search
  English  ▼

X  

ISP1161 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # ISP1161
Description  Full-speed Universal Serial Bus single-chip host and device controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button ISP1161 Datasheet HTML 35Page - NXP Semiconductors ISP1161 Datasheet HTML 36Page - NXP Semiconductors ISP1161 Datasheet HTML 37Page - NXP Semiconductors ISP1161 Datasheet HTML 38Page - NXP Semiconductors ISP1161 Datasheet HTML 39Page - NXP Semiconductors ISP1161 Datasheet HTML 40Page - NXP Semiconductors ISP1161 Datasheet HTML 41Page - NXP Semiconductors ISP1161 Datasheet HTML 42Page - NXP Semiconductors ISP1161 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
Philips Semiconductors
ISP1161
Full-speed USB single-chip host and device controller
Product data
Rev. 01 — 3 July 2001
39 of 130
9397 750 08313
© Philips Electronics N.V. 2001. All rights reserved.
9.8.2
Using external OC detection circuit
When VCC (pin 56) is connected to the +3.3 V power supply instead of the +5 V
power supply, then the internal OC detection circuit cannot be used. An external OC
detection circuit must be used instead. Nevertheless, regardless of VCC’s
connections, an external OC detection circuit can be used from time to time. To use
an external OC detection circuit, AnalogOCEnable, bit 10 of the
HcHardwareConfiguration register, should be set to logic 0. By default after reset, this
bit is already set to logic 0; therefore, the HC Driver does not need to clear this bit.
Figure 36 shows how to use an external OC detection circuit.
Fig 35. Using internal OC detection circuit.
MGT960
ATX
1
≥
0
Reg
PSW
OC select
OC detect
regulator
VCC
H_OCn
∆V = +5 V − VBUS
H_PSWn
H_DMn
H_DPn
HC CORE
C/L
SIE
USB
downstream
port
connector
15 k
Ω
(2
×)
47 pF
(2
×)
22
Ω
22
Ω
ISP1161
VBUS
+5 V
P-Ch
MOSFET
(PHP109)
bit 10
bit 12
HcHardware
Configuration
HcHardware
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com