Electronic Components Datasheet Search
  English  ▼

X  

9621 Datasheet(PDF) 29 Page - Knowles Electronics

Part # 9621
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

9621 Datasheet(HTML) 29 Page - Knowles Electronics

Back Button 9621 Datasheet HTML 25Page - Knowles Electronics 9621 Datasheet HTML 26Page - Knowles Electronics 9621 Datasheet HTML 27Page - Knowles Electronics 9621 Datasheet HTML 28Page - Knowles Electronics 9621 Datasheet HTML 29Page - Knowles Electronics 9621 Datasheet HTML 30Page - Knowles Electronics 9621 Datasheet HTML 31Page - Knowles Electronics 9621 Datasheet HTML 32Page - Knowles Electronics 9621 Datasheet HTML 33Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
www.knowlescapacitors.com
27
Non-Magnetic PTFE Trimmers - NMNT Series
4kV to 10kV
Voltronics NMNT Series of PTFE trimmers are designed for
applications requiring greater capacitance and voltage ratings
than the popular smaller trimmers but without the large size and
expense of vacuum capacitors.
Part
Number
DC Working
Voltage
DC Withstanding
Voltage
Capacitance
(pF) <
Capacitance
(pF) >
“A” Dim
±.06
“B” Dim
±.06
NMNT2-20
10000
20000
1.0
2.0
1.205
1.125
NMNT5-8
4000
8000
1.0
5.0
1.13
0.31
NMNT5-18
8750
17500
1.0
5.0
2.0
0.75
NMNT10-6
3000
6000
1.0
10.0
1.15
0.38
NMNT10-12
6000
12000
2.0
10.0
1.83
.063
NMNT15
2000
4000
1.0
15.0
1.69
0.31
NMNT23-6
3000
6000
3.0
23.0
1.70
0.38
NMNT23-12
6000
12000
3.0
23.0
1.845
0.63
NMNT25-6
3000
6000
5.0
25.0
1.62
.063
NMNT25-15
7500
15000
7.0
25.0
1.77
1.13
NMNT30
3000
6000
4.0
30.0
2.25
1.50
NMNT50
4500
9000
5.0
50.0
2.25
1.50
NMNT70-6
3000
6000
2.5
70.0
3.00
0.70
NMNT70-15
7500
15000
6.5
70.0
3.25
1.63
NMNT85
3000
6000
5.0
85.0
3.25
1.50
NMNT100-4
2500
3600
2.0
95.0
4.25
0.31
The NMNT Series offers:
High voltage
Non-rotating piston, long life and no tuning noise
Extremely stable under shock and vibration
Screw head does not move in and out
Proven RF performance and power handling these high performance
trimmer capacitors are utilized in MRI body coils, NMR equipment
and RF power transfer applications.
Note: Preferred parts. Others available but may be subject to an increased MOQ.
Dimensions
NMNT Series
NUT AND
LOCKWASHER
“B” DIA
#20 AWG
.25-32 TH’D
.08
.250
“A”
.475*
.02
.225
.12 DIA
* Extended shaft versions only.
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com