Electronic Components Datasheet Search
  English  ▼

X  

9621 Datasheet(PDF) 40 Page - Knowles Electronics

Part # 9621
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

9621 Datasheet(HTML) 40 Page - Knowles Electronics

Back Button 9621 Datasheet HTML 36Page - Knowles Electronics 9621 Datasheet HTML 37Page - Knowles Electronics 9621 Datasheet HTML 38Page - Knowles Electronics 9621 Datasheet HTML 39Page - Knowles Electronics 9621 Datasheet HTML 40Page - Knowles Electronics 9621 Datasheet HTML 41Page - Knowles Electronics 9621 Datasheet HTML 42Page - Knowles Electronics 9621 Datasheet HTML 43Page - Knowles Electronics 9621 Datasheet HTML 44Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
www.knowlescapacitors.com
38
Panel Mount Trimmers - TM & QM Series
Fig. 1
Fig. 2
Fig. 3
Fig. 4
.125 ± .005
ADJUSTMENT
CAVITY
A
.020 ± .005
#10-32 TH'D
NUT & LOCKWASHER
.31 DIA
.25
SEE
NOTE 3
C DIA
#2-72 TH'D
.175
.171
.195
.191
NOTE 2
A
.31 DIA
A
.25 DIA
NOTE 2
A
#22 AWG
1” MIN
.31 DIA
Notes:
1. Fig. 2, 3 and 4 parts have same end view as Fig. 1.
2. All leads #22 AWG and 2” Min. long except for all TM5-, TM6-, TM1O- and QM2- parts which are #24 AWG.
3. Mounting bushing #10-32 x .25 long except for all TM10- and TM15- parts which are #10-32 x .16 long.
4. C diameter of Fig. 1 parts .27 on embedded band units and .25 on all other parts.
Detailed General Specifications on Page 34.
Optional configurations
.020 ± .005
.160 DIA
.45
.045
Add “EI” to End of
Type Number
(eg. TM9EI)
.020 ± .005
.12 DIA
.040
.50
Add “E” to End of
Type Number
(eg. TM9CE)
.020 ± .005
.125 ± .005
ADJUSTMENT CAVITY
.08
NUT & LOCKWASHER
Insert “I” Between “T” and “M”
in Type Number (eg. TIM9C)
.38
.09
.25
30°
.31
.25 -32 TH’D
NYLON
INSULATOR
.234
.230
.255
.251
EXTENDED
METAL SHAFT
INSULATED
BUSHING
EXTENDED
PLASTIC SHAFT
a Knowles Precision Devices brand
TM
These ranges are panel mount versions of Voltronics’ glass and
quartz dielectric trimmers. Available sealed or unsealed in Annular
Band Glass, Embedded Band Glass and Quartz, the capacitance
values are significant, up to 180pF max with 178pF of tunable
range. All three dielectric options are also available in MIL Std
versions featuring PC38, PC39 and PC48 designations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com