Electronic Components Datasheet Search
  English  ▼

X  

9621 Datasheet(PDF) 42 Page - Knowles Electronics

Part # 9621
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

9621 Datasheet(HTML) 42 Page - Knowles Electronics

Back Button 9621 Datasheet HTML 38Page - Knowles Electronics 9621 Datasheet HTML 39Page - Knowles Electronics 9621 Datasheet HTML 40Page - Knowles Electronics 9621 Datasheet HTML 41Page - Knowles Electronics 9621 Datasheet HTML 42Page - Knowles Electronics 9621 Datasheet HTML 43Page - Knowles Electronics 9621 Datasheet HTML 44Page - Knowles Electronics 9621 Datasheet HTML 45Page - Knowles Electronics 9621 Datasheet HTML 46Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
www.knowlescapacitors.com
40
A
.12
.16 DIA
1” MIN
.020 ± .005
.125 ± .005 DIA
ADJUSTMENT CAVITY
.31 DIA
C DIA
#2-72
TH’D
#24 AWG
#20 AWG
B
.281
.234
#64 (.036 DIA)
4 HOLES
A
.31 DIA
B
A
B
.234
#64 (.036 DIA)
4 HOLES
.31 DIA
Fig. 1
Fig. 2
A
.25 DIA
B
Fig. 3
Fig. 4
Notes:
1. All Fig. 2 thru Fig. 4 parts have same end view as Fig. 1.
Fig’s 2 and 3 have mounting dimensions of Fig. 1
2. C diameter of Fig. 1 parts .27 for embedded band and
.25 on all other parts.
Detailed General Specifications on Page 34.
.44
.045
.020
.155 DIA
Add “EI” to End of Type Number
(eg. TP9CEI)
.040
.60
.020 ± .005
.12 DIA
Add “E” to End of Type Number
(eg. TP9EI)
.020
.31 DIA
.69
.14
B
.036
.17
#64
(.036 DIA)
Add “L” to End of Type Number
(eg. TP28L)
.08 DIA
Optional configurations
EXTENDED METAL SHAFT
PRINTED CIRCUIT LUG
Horizontal Mount Trimmers - TP & QP Series
EXTENDED PLASTIC SHAFT
a Knowles Precision Devices brand
TM
a Knowles Precision Devices brand
TM
These ranges are horizontal mount versions of Voltronics glass and
quartz dielectric trimmers. Available sealed or unsealed in Annular
Band Glass, Embedded Band Glass and Quartz, the capacitance
values are significant, up to 180pF max with 178pF of tunable
range. All three dielectric options are also available in MIL Std
versions featuring PC42, PC43 and PC52 designations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com