Electronic Components Datasheet Search
  English  ▼

X  

9621 Datasheet(PDF) 55 Page - Knowles Electronics

Part # 9621
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

9621 Datasheet(HTML) 55 Page - Knowles Electronics

Back Button 9621 Datasheet HTML 51Page - Knowles Electronics 9621 Datasheet HTML 52Page - Knowles Electronics 9621 Datasheet HTML 53Page - Knowles Electronics 9621 Datasheet HTML 54Page - Knowles Electronics 9621 Datasheet HTML 55Page - Knowles Electronics 9621 Datasheet HTML 56Page - Knowles Electronics 9621 Datasheet HTML 57Page - Knowles Electronics 9621 Datasheet HTML 58Page - Knowles Electronics 9621 Datasheet HTML 59Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
www.knowlescapacitors.com
53
Typical performance data - chip size 0805 High Q
0.01
0.1
1
100
1000
Frequency (MHz)
ESR vs Frequency
1pF
4.7pF
10pF
100pF
0.01
0.1
1
100
1000
Frequency (MHz)
ESR vs Frequency
1pF
4.7pF
10pF
100pF
Typical performance data - chip size 1111 High Q
Capacitance (pF)
Resonant Frequency vs Capacitance
100
1000
10000
100000
0.1
110
100
1000
Series
Parallel
Capacitance (pF)
Resonant Frequency vs Capacitance
0.1
110
100
1000
Series
Parallel
100
1000
10000
100000
Capacitance (pF)
Q vs Capacitance
1
10
100
1000
10000
100000
0.1
110
100
1000
150 MHz
500 MHz
1 GHz
Capacitance (pF)
Q vs Capacitance
1
10
100
1000
10000
100000
0.1
110
100
1000
150 MHz
500 MHz
1 GHz
Non-Magnetic Capacitors - High Q
ESR Measurement
All ESR figures are measured using a VNA and
2m copper resonant tube and extrapolating to
30MHz by ratio. Measured data can be supplied
on request. Measurement of ESR can vary
with test method and components should only
be compared when tested back-to-back on the
same equipment under controlled conditions.
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
140
120
100
80
60
40
20
Frequency (MHz)
Typical ESR vs Frequency
4040 56pF
4040 18pF
2225 2.2nF
2225 10pF
4040 5.1nF
2225 39pF
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com