Electronic Components Datasheet Search
  English  ▼

X  

9621 Datasheet(PDF) 23 Page - Knowles Electronics

Part # 9621
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

9621 Datasheet(HTML) 23 Page - Knowles Electronics

Back Button 9621 Datasheet HTML 19Page - Knowles Electronics 9621 Datasheet HTML 20Page - Knowles Electronics 9621 Datasheet HTML 21Page - Knowles Electronics 9621 Datasheet HTML 22Page - Knowles Electronics 9621 Datasheet HTML 23Page - Knowles Electronics 9621 Datasheet HTML 24Page - Knowles Electronics 9621 Datasheet HTML 25Page - Knowles Electronics 9621 Datasheet HTML 26Page - Knowles Electronics 9621 Datasheet HTML 27Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
www.knowlescapacitors.com
21
Part
Number
Cap Range
(pF)
Min. Q @
100 MHz
Dimensions
Fig.
A
B
C
D
E
F
G
(UNS-2A)
5862
0.4 to 3.5
>10000
0.27
0.225
.160
.150
-
0.06
0.03
0.045
.120-80
5*
5760
5761
5762
0.6 to 6.0
>10000
0.27
0.29
0.27
0.21
0.19
0.21
.235
.215
-
0.22
0.06
-
-
0.04
-
-
0.06
.190-64
3
1
5*
5240
5241
5242
0.8 to 10.0
>4000
0.30
0.32
0.29
0.21
0.19
0.21
.295
.275
0.35
0.31
-
0.08
-
-
0.06
-
-
0.09
.234-64
4
1
5
5640
5641
5642
1.0 to 30.0
>800
0.68
0.76
0.68
0.25
0.16
0.25
.295
.275
0.35
0.50
-
0.08
-
-
0.06
-
-
0.09
.234-64
4
2
5
Dimensions (inches)
JMC 8777
Non-Magnetic Air Trimmers
Figure 2
Figure 1
Figure 3
Figure 4
* 5862 & 5762 are supplied with a round nut instead of a hexagon.
Figure 5
Description
Non-Magnetic construction
High stability and Q
250 VDC working voltage
Utilizes self-locking constant torque drive mechanism
Recommended Tuning Tool
Note: All Air Trimmers are available with or without hardware.
Hardware may be purchased separateley.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com