Electronic Components Datasheet Search
  English  ▼

X  

9621 Datasheet(PDF) 41 Page - Knowles Electronics

Part # 9621
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

9621 Datasheet(HTML) 41 Page - Knowles Electronics

Back Button 9621 Datasheet HTML 37Page - Knowles Electronics 9621 Datasheet HTML 38Page - Knowles Electronics 9621 Datasheet HTML 39Page - Knowles Electronics 9621 Datasheet HTML 40Page - Knowles Electronics 9621 Datasheet HTML 41Page - Knowles Electronics 9621 Datasheet HTML 42Page - Knowles Electronics 9621 Datasheet HTML 43Page - Knowles Electronics 9621 Datasheet HTML 44Page - Knowles Electronics 9621 Datasheet HTML 45Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
www.knowlescapacitors.com
39
Glass Annular Band
Capacitance
Range
(pF)
Q
(Min.)
UNSEALED
750 DCWV
(Fig. 1)
SEALED, METAL CAP,
TURRET TERMINAL
750 DCWV (Fig. 2)
SEALED, GLASS END
1,250 DCWV
(Fig. 3)
From
below
To
above
1 MHz
A±.03
Type
MIL
Designation
A±.03
Type
A±.03
Type
MIL
Designation
0.8
4.5
650
.31
TM5
PC40J4R5**
.41
TM5C
.36
TM5G
PC38J4R5**
0.8
5.5
700
.31
TM6
P050J5R5
.41
TM6C
.36
TM6G
PC48J5R5
0.8
8.5
650
.55
TM9
PC40J8R5**
.63
TM9C
.59
TM9G
PC38J8R5**
1.0
11.0
700
.55
TM11
PC50J110
.63
TM11C
.59
TM11G
PC48J11O
0.8
12.0
650
.75
TM12
PC40H120**
.83
TM12C
.81
TM12G
PC38H120**
0.8
16.0
700
.75
TM17
PC50H160
.83
TM17C
.81
TM17G
PC48H160
0.8
18.0
650
1.00
TM18
PC40H180**
1.09
TM18C
1.06
TM18G
PC38H180**
0.8
21.0
700
1.13
TM21
—
1.22
TM21C
—
—
—
0.8
23.0
700
1.00
TM23
PC50H230
1.09
TM23C
1.06
TM23G
PC48H230
0.8
30.0
650
1.59
TM30
PC40H300**
1.69
TM30C
1.66
1M30G
PC38H300**
0.8
38.0
700
1.59
TM38
PC50H380
1.69
TM38C
1.66
TM38G
PC48H380
Glass Embedded Band
Capacitance
Range
(pF)
Q
(Min.)
UNSEALED
1,000 DCWV
(Fig. 1)
SEALED, METAL CAP,
TURRET TERMINAL
1,000 DCWV (Fig. 2)
SEALED, METAL CAP,
1,000 DCWV
(Fig. 4)
From
below
To
above
1 MHz
A±.016
Type
A±.03
Type
MIL
Designation
A±.03
Type
2.0
10.0
800
.28
TM10*
.37
TM10C*
—
.35
TM10M*
1.5
14.0
700
.38
TM14
.47
TM14C
—
.45
TM14M
1.2
16.0
800
.33
TM15*
.42
TM15C*
—
.40
TM15M*
1.0
16.0
800
.38
TM16
.47
TM16C
PC39G160
.45
TM16M
2.0
25.0
800
.42
TM25
.52
TM25C
—
.50
TM25M
1.0
28.0
700
.61
TM28
.70
TM28C
—
.69
TM28M
1.0
36.0
800
.61
TM36
.70
TM36C
PC39G360
.69
TM36M
1.0
42.0
700
.83
TM42
.92
TM42C
—
.91
TM42M
1.0
52.0
800
.83
TM52
.92
TM52C
PC39G520
.91
TM52M
1.0
60.0
650
1.08
TM60
1.17
TM60C
—
1.16
TM60M
1.0
75.0
700
1.08
TM75
1.17
TM75C
PC39G750
1.16
TM75M
1.0
90.0
600
1.67
TM90
1.77
TM90C
—
1.75
TM90M
1.0
120.0
600
1.67
TM120
1.77
TM120C
P039G121
1.75
TM120M
2.0
180.0
500
1.91
TM180*
2.00
TM180C*
—
1.98
TM180M*
Quartz
Capacitance
Range
(pF)
Q
(Min.)
UNSEALED
750 DCWV
(Fig. 1)
SEALED, QUARTZ END
1,250 DCWV
(Fig. 3)
From
below
To
above
1 MHz
A±.03
Type
MIL Designation
A±.03
Type
MIL Designation
0.6
1.8
2000
.30
QM2
PC40Q1R8
.36
QM2G
PC38Q1R8
0.8
5.5
2000
.55
QM6
P040Q5R5
.63
QM6G
PC38Q5R5
0.6
9.5
2000
.98
QM10
PC40Q9R5
1.06
QM10G
PC38Q9R5
0.8
16.0
2000
1.59
QM16
PC40Q160
1.66
QM16G
PC38Q160
*Parts Rated 500 DCWV
**MIL-C-14409B parts not listed in MIL-C-14409D
Panel Mount Trimmers - TM & QM Series
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com