Electronic Components Datasheet Search
  English  ▼

X  

AM29LV033C Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 6Page - Advanced Micro Devices AM29LV033C Datasheet HTML 7Page - Advanced Micro Devices AM29LV033C Datasheet HTML 8Page - Advanced Micro Devices AM29LV033C Datasheet HTML 9Page - Advanced Micro Devices AM29LV033C Datasheet HTML 10Page - Advanced Micro Devices AM29LV033C Datasheet HTML 11Page - Advanced Micro Devices AM29LV033C Datasheet HTML 12Page - Advanced Micro Devices AM29LV033C Datasheet HTML 13Page - Advanced Micro Devices AM29LV033C Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
8
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV033C
-70
E
C
TEMPERATURE RANGE
I
=
Industrial (–40
°C to + 85°C)
E
=
Extended (–55
°C to + 125°C)
F
=
Industrial (-40
oC to + 85oC) with Pb-free Package
K
=
Extended (-55
oC to + 125oC) with Pb-free Package
PACKAGE TYPE
E
=
40-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 040)
F
=
40-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR040)
WD
=
63-ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 14 mm package (FBD063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29LV033C
32 Megabit (4 M x 8-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program and Erase
Valid Combinations for TSOP Packages
AM29LV033C-70
EI, FI, EF, FF
AM29LV033C-90
EI, EE, EF, EK
FI, FE, FF, FK
AM29LV033C-120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29LV033C-70
WDI,
WDF
L033C70V
I, F
AM29LV033C-90
WDI,
WDE,
WDF,
WDK
L033C90V
I, E, F,
K
AM29LV033C-120
L033C12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com