Electronic Components Datasheet Search
  English  ▼

X  

AM29LV033C Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 11Page - Advanced Micro Devices AM29LV033C Datasheet HTML 12Page - Advanced Micro Devices AM29LV033C Datasheet HTML 13Page - Advanced Micro Devices AM29LV033C Datasheet HTML 14Page - Advanced Micro Devices AM29LV033C Datasheet HTML 15Page - Advanced Micro Devices AM29LV033C Datasheet HTML 16Page - Advanced Micro Devices AM29LV033C Datasheet HTML 17Page - Advanced Micro Devices AM29LV033C Datasheet HTML 18Page - Advanced Micro Devices AM29LV033C Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
22268B5 September 12, 2006
Am29LV033C
13
DA TA
SH EET
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device to be pro-
grammed with its corresponding programming
algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect
mode requires V
ID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 3. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits. Table 3 shows the remain-
ing address bits that are don’t care. When all neces-
sar y bits are set as required, the programming
equipment may then read the corresponding identifier
code on DQ7-DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 9, on page 25.
This method does not require V
ID. See “Writing spe-
cific address and data commands or sequences into
the command register initiates device operations.
Table 9, on page 25 defines the valid register com-
mand sequences. Writing incorrect address and data
values or writing them in the improper sequence re-
sets the device to reading array data.” for details on
using the autoselect mode.
Table 3.
Am29LV033C Autoselect Codes (High Voltage Method)
L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector/Sector Block Protection and
Unprotection
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Table 4,
on page 16).
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both pro-
gram and erase operations in previously protected
sectors. Sector protection/unprotection can be imple-
mented via two methods.
The primary method requires V
ID on the RESET# pin
only, and can be implemented either in-system or via
programming equipment. Figure 2, on page 17 shows
the algorithms and Figure 22, on page 41 shows the
timing diagram. This method uses standard micropro-
cessor bus cycle timing. For sector unprotect, all un-
protected sectors must first be protected prior to the
first sector unprotect write cycle.
The alternate method intended only for programming
equipment requires VID on address pin A9 and OE#.
This method is compatible with programmer routines
written for earlier 3.0 volt-only AMD flash devices.
Publication number 22269 contains further details;
contact an AMD representative to request a copy.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is pro-
tected or unprotected. See “Autoselect Mode” on
page 15 for details.
Description
CE#
OE#
WE#
A21
to
A16
A15
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
V
ID
XL
X
L
L
01h
Device ID: Am29LV033C
L
L
H
X
X
V
ID
XL
X
L
H
A3h
Sector Protection Verification
L
L
H
SA
X
V
ID
XL
X
H
L
01h
(protected)
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com