Electronic Components Datasheet Search
  English  ▼

X  

MBM29F400TC Datasheet(PDF) 41 Page - SPANSION

Part # MBM29F400TC
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400TC Datasheet(HTML) 41 Page - SPANSION

Back Button MBM29F400TC Datasheet HTML 37Page - SPANSION MBM29F400TC Datasheet HTML 38Page - SPANSION MBM29F400TC Datasheet HTML 39Page - SPANSION MBM29F400TC Datasheet HTML 40Page - SPANSION MBM29F400TC Datasheet HTML 41Page - SPANSION MBM29F400TC Datasheet HTML 42Page - SPANSION MBM29F400TC Datasheet HTML 43Page - SPANSION MBM29F400TC Datasheet HTML 44Page - SPANSION MBM29F400TC Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
40
Sector Protection Algorithm
*: A-1 is VIL on byte mode.
Setup Sector Addr.
Activate WE Pulse
WE = VIH, CE = OE = VIL
(A9 should remain VID)
Yes
Yes
No
No
PLSCNT = 1
Time out 100
µs
Read from Sector
Increment PLSCNT
No
Yes
Protect Another Sector?
Start
Sector Protection
Data = 01h?
PLSCNT = 25?
Device Failed
Remove VID from A9
Completed
Remove VID from A9
Write Reset Command
(Addr. = SA, A1 = 1,
OE = VID, A9 = VID,
A6 = CE = VIL, RESET = VIH
(A17, A16, A15, A14, A13, A12)
Write Reset Command
A0 = V6 = 0)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com