Electronic Components Datasheet Search
  English  ▼

X  

MBM29F400TC Datasheet(PDF) 18 Page - SPANSION

Part # MBM29F400TC
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400TC Datasheet(HTML) 18 Page - SPANSION

Back Button MBM29F400TC Datasheet HTML 14Page - SPANSION MBM29F400TC Datasheet HTML 15Page - SPANSION MBM29F400TC Datasheet HTML 16Page - SPANSION MBM29F400TC Datasheet HTML 17Page - SPANSION MBM29F400TC Datasheet HTML 18Page - SPANSION MBM29F400TC Datasheet HTML 19Page - SPANSION MBM29F400TC Datasheet HTML 20Page - SPANSION MBM29F400TC Datasheet HTML 21Page - SPANSION MBM29F400TC Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
17
Write Operation Status
*1 : Performing successive read operations from any address will cause DQ6 to toggle.
*2 : Reading the byte address being programmed while in the erase-suspend program mode will indicate logic “1”
at the DQ2 bit. However, successive reads from the erase-suspended sector will cause DQ2 to toggle.
Notes:
• DQ0 and DQ1 are reserve pins for future use. DQ4 is Fujitsu internal use only.
• DQ15 to DQ8 are “DON’T CARES” because there is for × 16 mode.
DQ7
Data Polling
The MBM29F400TC/BC device feature Data Polling as a method to indicate to the host that the Embedded
Algorithms are in progress or completed. During the Embedded Program Algorithm an attempt to read the device
will produce the complement of the data last written to DQ7. Upon completion of the Embedded Program
Algorithm, an attempt to read the device will produce the true data last written to DQ7. During the Embedded
Erase Algorithm, an attempt to read the device will produce a “0” at the DQ7 output. Upon completion of the
Embedded Erase Algorithm an attempt to read the device will produce a “1” at the DQ7 output. The flowchart
for Data Polling (DQ7) is shown in “Data Polling Algorithm” in sFLOW CHART.
For Programing, the Data Polling is valid after the rising edge of fourth write pulse in the four write pulse sequence.
For chip erase and sector erase, the Data Polling is valid after the rising edge of the sixth write pulse in the six
write pulse sequence. Data Polling must be performed at sector address within any of the sectors being erased
and not a protected sector. Otherwise, the status may not be valid. Once the Embedded Algorithm operation is
close to being completed, the MBM29F400TC/BC data pins (DQ7) may change asynchronously while the output
enable (OE) is asserted low. This means that the device is driving status information on DQ7 at one instant of
time and then that byte’s valid data at the next instant of time. Depending on when the system samples the DQ7
output, it may read the status or valid data. Even if the device has completed the Embedded Algorithm operation
and DQ7 has a valid data, the data outputs on DQ6 to DQ0 may be still invalid. The valid data on DQ7 to DQ0 will
be read on the successive read attempts.
The Data Polling feature is only active during the Embedded Programming Algorithm, Embedded Erase Algorithm
or sector erase time-out (See “Hardware Sequence Flags”).
See “AC Waveforms for Data Polling during Embedded Algorithm Operations” in sTIMING DIAGRAM for the
Data Polling timing specifications and diagrams.
Hardware Sequence Flags
Status
DQ7
DQ6
DQ5
DQ3
DQ2
In
Progress
Embedded Program Algorithm
DQ7
Toggle
0
0
1
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase
Suspended
Mode
Erase Suspend Read
(Erase Suspended Sector)
1
1
0
0
Toggle
Erase Suspend Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Erase Suspend Program
(Non-Erase Suspended Sector)
DQ7
Toggle*1
00
1*2
Exceeded
Time
Limits
Embedded Program Algorithm
DQ7
Toggle
1
0
1
Embedded Erase Algorithm
0
Toggle
1
1
N/A
Erase
Suspended
Mode
Erase Suspend Program (Non-Erase
Suspended Sector)
DQ7
Toggle
1
0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com