Electronic Components Datasheet Search
  English  ▼

X  

MBM29F400TC Datasheet(PDF) 9 Page - SPANSION

Part # MBM29F400TC
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400TC Datasheet(HTML) 9 Page - SPANSION

Back Button MBM29F400TC Datasheet HTML 5Page - SPANSION MBM29F400TC Datasheet HTML 6Page - SPANSION MBM29F400TC Datasheet HTML 7Page - SPANSION MBM29F400TC Datasheet HTML 8Page - SPANSION MBM29F400TC Datasheet HTML 9Page - SPANSION MBM29F400TC Datasheet HTML 10Page - SPANSION MBM29F400TC Datasheet HTML 11Page - SPANSION MBM29F400TC Datasheet HTML 12Page - SPANSION MBM29F400TC Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
8
MBM29F400TC/BC Command Definitions
Notes:
• Address bits A15 to A11 = X = “H” or “L” for all address commands except or Program Address (PA) and
Sector Address (SA).
• Bus operations are defined in “MBM29F400TC/BC User Bus Operation (BYTE = VIH)” and
“MBM29F400TC/BC User Bus Operation (BYTE = VIL)” in sDEVICE BUS OPERATION.
• RA = Address of the memory location to be read.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of
the WE pulse.
SA = Address of the sector to be erased. The combination of A17, A16, A15, A14, A13, and A12 will
uniquely select any sector.
• RD = Data read from location RA during read operation.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE.
• The system should generate the following address patterns:
Word Mode: 555h or 2AAh to addresses A10 to A0
Byte Mode: AAAh or 555h to addresses A10 to A-1
• Both Read/Reset commands are functionally equivalent, resetting the device to the read mode.
• Command combinations not described in Command Definitions table are illegal.
Command
Sequence
Bus
Write
Cycles
Req'd
First Bus
Write Cycle
Second
Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data
Read/Reset
Word
1
XXXh
F0h
—
—
—
—
—
—
—
—
—
—
Byte
Read/Reset
Word
3
555h
AAh
2AAh
55h
555h
F0h
RA
RD
—
—
—
—
Byte
AAAh
555h
AAAh
Autoselect
Word
3
555h
AAh
2AAh
55h
555h
90h
——————
Byte
AAAh
555h
AAAh
Program
Word
4
555h
AAh
2AAh
55h
555h
A0h
PA
PD
—
—
—
—
Byte
AAAh
555h
AAAh
Chip Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
555h
10h
Byte
AAAh
555h
AAAh
AAAh
555h
AAAh
Sector
Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
SA
30h
Byte
AAAh
555h
AAAh
AAAh
555h
Sector Erase Suspend
Erase can be suspended during sector erase with Addr (“H” or “L”). Data (B0h)
Sector Erase Resume
Erase can be resumed after suspend with Addr (“H” or “L”). Data (30h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com