Electronic Components Datasheet Search
  English  ▼

X  

MBM29F400TC Datasheet(PDF) 12 Page - SPANSION

Part # MBM29F400TC
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400TC Datasheet(HTML) 12 Page - SPANSION

Back Button MBM29F400TC Datasheet HTML 8Page - SPANSION MBM29F400TC Datasheet HTML 9Page - SPANSION MBM29F400TC Datasheet HTML 10Page - SPANSION MBM29F400TC Datasheet HTML 11Page - SPANSION MBM29F400TC Datasheet HTML 12Page - SPANSION MBM29F400TC Datasheet HTML 13Page - SPANSION MBM29F400TC Datasheet HTML 14Page - SPANSION MBM29F400TC Datasheet HTML 15Page - SPANSION MBM29F400TC Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
11
Sector Address Table (MBM29F400TC)
Sector Address Table (MBM29F400BC)
Sector
Address
A17
A16
A15
A14
A13
A12
Address Range
SA0
0
0
0
X
X
X
00000h to 0FFFFh
SA1
0
0
1
X
X
X
10000h to 1FFFFh
SA2
0
1
0
X
X
X
20000h to 2FFFFh
SA3
0
1
1
X
X
X
30000h to 3FFFFh
SA4
1
0
0
X
X
X
40000h to 4FFFFh
SA5
1
0
1
X
X
X
50000h to 5FFFFh
SA6
1
1
0
X
X
X
60000h to 6FFFFh
SA7
1
1
1
0
X
X
70000h to 77FFFh
SA8
1
1
1
1
0
0
78000h to 79FFFh
SA9
1
1
1
1
0
1
7A000h to 7BFFFh
SA10
1
1
1
1
1
X
7C000h to 7FFFFh
Sector
Address
A17
A16
A15
A14
A13
A12
Address Range
SA0
0
0
0
0
0
X
00000h to 03FFFh
SA1
0
0
0
0
1
0
04000h to 05FFFh
SA2
0
0
0
0
1
1
06000h to 07FFFh
SA3
0
0
0
1
X
X
08000h to 0FFFFh
SA4
0
0
1
X
X
X
10000h to 1FFFFh
SA5
0
1
0
X
X
X
20000h to 2FFFFh
SA6
0
1
1
X
X
X
30000h to 3FFFFh
SA7
1
0
0
X
X
X
40000h to 4FFFFh
SA8
1
0
1
X
X
X
50000h to 5FFFFh
SA9
1
1
0
X
X
X
60000h to 6FFFFh
SA10
1
1
1
X
X
X
70000h to 7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com