Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 64 Page - Analog Devices

Part # LTM4686B
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 64 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 60Page - Analog Devices LTM4686B Datasheet HTML 61Page - Analog Devices LTM4686B Datasheet HTML 62Page - Analog Devices LTM4686B Datasheet HTML 63Page - Analog Devices LTM4686B Datasheet HTML 64Page - Analog Devices LTM4686B Datasheet HTML 65Page - Analog Devices LTM4686B Datasheet HTML 66Page - Analog Devices LTM4686B Datasheet HTML 67Page - Analog Devices LTM4686B Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 132 page
background image
LTM4683
64
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
increased by decreasing CCOMPna. If RCOMP is increased
by the same factor that CCOMP is decreased, the zero fre-
quency will be kept the same, thereby keeping the phase
shift the same in the most critical frequency range of the
feedback loop. The gain of the loop will be proportional to
the transconductance of the error amplifier, gm, which is
set using bits[7:5] of the MFR_PWM_COMP command.
The output voltage settling behavior is related to the sta-
bility of the closed-loop system and will demonstrate the
actual overall supply performance. A second, more severe
transient is caused by switching in loads with large (>1µF)
supply bypass capacitors. The discharged bypass capaci-
tors are effectively put in parallel with COUT, causing a
rapid drop in VOUT. No regulator can alter its delivery of
current quickly enough to prevent this sudden step change
in output voltage if the load switch resistance is low and if
it is driven quickly. If the ratio of CLOAD to COUT is greater
than 1:50, the switch rise time should be controlled so that
the load rise time is limited to approximately 25 • CLOAD.
Thus, a 10µF capacitor would require a 250µs rise time,
limiting the charging current to about 200mA.
PolyPhase Configuration
When configuring a PolyPhase rail with multiple LTM4683s,
the user must share the SYNC, COMP, SHARE_CLK, FAULT,
and ALERT pins of these parts. Be sure to use pull-up resis-
tors on FAULT, SHARE_CLK and ALERT. One of the part’s
SYNC pins must be set to the desired switching frequency,
and all other FREQUENCY_SWITCH commands must be
set to External Clock. If an external oscillator is provided,
set the FREQUENCY_SWITCH command to External Clock
for all parts. The relative phasing of all the channels should
be spaced equally. The MFR_RAIL_ADDRESS of all the
devices should be set to the same value.
Multiple channels need to tie all the VSENSEn+ pins
together, and all the VSENSEn– pins together, COMPna and
COMPnb pins together as well. Do not assert bit[4] of
MFR_CONFIG_ALL except in a PolyPhase application. See
the Typical Applications section (Figure 50).
CONNECTING THE USB TO I2C/SMBUS/PMBUS
CONTROLLER TO THE LTM4683 IN SYSTEM
The ADI USB-to-I2C/SMBus/PMBus adapter (DC1613A
or equivalent) can be interfaced with the LTM4683 on
the user’s board for programming, telemetry, and sys-
tem debugging. The adapter, when used in conjunction
with LTpowerPlay, provides a powerful way to debug an
entire power system. Faults are quickly diagnosed using
telemetry, fault status commands and the fault log. The
VINnn
VIN
VDD33_nn
VDD25_nn
SDA_nn
1µF
1µF
VGS MAX ON THE TP0101K IS 8V IF VIN > 14V
CHANGE THE RESISTOR DIVIDER ON THE PFET GATE
LTM4683 HAS TWO INTERNAL CONTROLLERS
4683 F30
10k
100k
TP0101K
ISOLATED
3.3V
SDA
SCL
TP0101K
100k
ADI
CONTROLLER
HEADER
TO ADI DC1613A
USB TO I2C/SMBus/PMBus
CONTROLLER
SCL_nn
WP_nn PGND/SGND_nn
LTM4683
1/2
VINnn
VDD33_nn
SDA_nn
SCL_nn
WP_nn PGND/SGND_nn
LTM4683
1/2
10k
VDD25_nn
Figure 30. Controller Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com