Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4686B
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 14Page - Analog Devices LTM4686B Datasheet HTML 15Page - Analog Devices LTM4686B Datasheet HTML 16Page - Analog Devices LTM4686B Datasheet HTML 17Page - Analog Devices LTM4686B Datasheet HTML 18Page - Analog Devices LTM4686B Datasheet HTML 19Page - Analog Devices LTM4686B Datasheet HTML 20Page - Analog Devices LTM4686B Datasheet HTML 21Page - Analog Devices LTM4686B Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 132 page
background image
LTM4683
18
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
convention is used throughout this document: 7-bit
subordinate addressing). The lower four bits of the
LTM4683’s subordinate address can be altered from this
default value by connecting a resistor from this pin to
SGND. Minimize capacitance—especially when the pin is
left open—to ensure accurate detection of the pin state.
It is recommended to use a resistor to set the address.
The ASEL_01 address will be used to address Channels
0 and 1, and a different ASEL_23 address will be used to
address Channels 2 and 3. For addressed ASEL_01, Page
0x00 corresponds to Channel 0, and Page 0x01 corre-
sponds to Channel 1. See PAGE description section. The
GUI will represent Channel 0 as U0:A0 and Channel 1 as
U0:A1. See Figure 32.
RUN0, RUN1 (B10, B11, Respectively): Enable Run
Input for Channels 0 and 1, respectively—Open-drain
input and output. The logic high on these pins enables
the respective outputs of the LTM4683. These open-
drain output pins hold the pin low until the LTM4683 is
out of reset and SVIN_01 is detected to exceed VIN_ON.
A pull-up resistor to 3.3V is required in the application.
The LTM4683 pulls RUN0 and/or RUN1 low, as appro-
priate, when a global fault and/or channel-specific fault
occurs whose fault response is configured to latch off and
cease regulation, issuing a CLEAR_FAULTS command via
I2C or power-cycling SVIN_01 is necessary to restart the
module, in such cases. Do not pull RUN logic high with a
low impedance source. INTVCC is active when SVIN_01 is
above UVLO. This provides power to the VDD33 and VDD25
to allow programming the EERROM.
SW0 (C1-C2, D1-D2, E1-E2): Switching Node of Channel 0
Step-Down Converter Stage. Used for test purposes or
EMI-snubbing. It may be routed a short distance to a local
test point to monitor the switching action of Channel 0,
if desired, but do not route near any sensitive signals.
Otherwise, leave it electrically isolated (open).
VDD25_01 (C8): Internally Generated 2.5V Power Supply
Output Pin for Channel 0 and Channel 1 Circuits. Do not
load this pin with the external current; it is used strictly
to bias internal logic and provides current for the internal
pull-up resistors connected to the configuration-program-
ming pins. No external decoupling is required.
VTRIM1_CFG (C9): Output Voltage Select Pin for VOUT1,
Fine Setting. Works in combination with VOUT1_CFG to
affect the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresholds)
of Channel 1, at SVIN_01 power-up. (See VOUT1_CFG and
the Applications Information section.) A resistor divider
from 2.5V to SGND connected to the pin will set the TRIM
value. See Table 2. Minimize capacitance especially when
the pin is left open to ensure accurate detection of the
pin state. Note that using RCONFIGs on VOUT1_CFG/
VTRIM1_CFG can affect the VOUT1 range setting (MFR_
PWM_MODE1[1]) and loop gain. For addressed ASEL_01,
Page 0x00 corresponds to Channel 0, and Page 0x01 cor-
responds to Channel 1. See PAGE description section.
SDA_01, SDA_23 (C10, V8): Serial Bus Data Open-Drain
Input and Output. A pull-up resistor to 3.3V is required in
the application. SDA_01 is for Channel 0 and Channel 1,
and SDA_23 is for Channel 2 and Channel 3.
ALERT_01, ALERT_23 (C11, W8): Open-Drain Digital
Output. A pull-up resistor to 3.3V is required in the appli-
cation only if SMBALERT interrupt detection is imple-
mented in one’s SMBus system.
SHARE_CLK_01, SHARE_CLK_23 (D8, AA11): Share
Clock, Bidirectional Open-Drain Clock Sharing Pins.
Nominally 100kHz. They are used for synchronizing the
time base between multiple LTM4683s (and any other
Analog Devices products with a SHARE_CLK pin)—to
realize well-defined rail sequencing and rail tracking.
Connect the SHARE_CLK pins of all such devices together;
all devices with a SHARE_CLK pin will synchronize to the
fastest clock. A pull-up resistor to 3.3V is only required
when synchronizing the time base between devices.
VTRIM0_CFG (D9): Output Voltage Select Pin for VOUT0,
Fine Setting. Works in combination with VOUT0_CFG to
affect the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresholds)
of Channel 0, at SVIN_01 power-up. (See VOUT0_CFG and
the Applications Information section.) A resistor divider
from 2.5V to SGND connected to the pin will set the
TRIM value. See Table 2. Minimize capacitance especially
when the pin is left open to ensure accurate detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com