Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4686B
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 19Page - Analog Devices LTM4686B Datasheet HTML 20Page - Analog Devices LTM4686B Datasheet HTML 21Page - Analog Devices LTM4686B Datasheet HTML 22Page - Analog Devices LTM4686B Datasheet HTML 23Page - Analog Devices LTM4686B Datasheet HTML 24Page - Analog Devices LTM4686B Datasheet HTML 25Page - Analog Devices LTM4686B Datasheet HTML 26Page - Analog Devices LTM4686B Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 132 page
background image
LTM4683
23
Rev. 0
For more information www.analog.com
SIMPLIFIED BLOCK DIAGRAM
Figure 2. Simplified LTM4683 Block Diagram of the 1/2 Function
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CINH
External High-Frequency Input Capacitor Requirement
(5.75V ≤ VIN ≤ 14V, VOUTn Commanded to 0.5V)
IOUT0 = 31.25A
IOUT1 = 31.25A
100
100
µF
µF
COUTn
External High-Frequency Output Capacitor Requirement
(5.75V ≤ VIN ≤ 14V, VOUTn Commanded to 0.5V)
IOUT0 = 31.25A
IOUT1 = 31.25A
800
800
µF
µF
4683 F02
IOUT CURRENT SENSE
IOUT CURRENT SENSE
0.22µF
MT
MB
MT
MB
4.7µF
RSENSE
CIN2
CIN1
80nH
2.2µF
2.2µF
80nH
0.01µF
0.01µF
COUT1
COUT2
COUT3
COUT4
CLOAD
CLOAD
22pF
CCOMPL
CCOMPH
PROG gm
22pF
PROG RCOMP
CCOMPL
CCOMPH
2.2µF
14.3k
EACH PIN
INTVCC_01,
INTVCC_23
INPUT CURRENT/ICHIP (READ_IIN,
MFR_READ_IIN_PEAK TO ANALOG
READBACK)
VIN01,
VIN23
SW0, SW2
SW1, SW3
VOUT1, VOUT3
VIN
VOUT0, VOUT2
GND
GND
SGND_01, SGND_23
TSNS1, TSNS3
TSNS0, TSNS2
X1
VOSNS0+, VOSNS2+
VOSNS0–, VOSNS2–
REMOTE SENSE
REMOTE SENSE
VOSNS1+, VOSNS3+
VOSNS1–, VOSNS3–
VOUT1, VOUT3 ADJ
TO 0.7V
UP TO 31.25A
COMP0b, COMP2b
COMP0a, COMP2a
COMP1b, COMP3b
COMP1a, COMP3a
PGOOD0, PGOOD2
PGOOD1, PGOOD3
SPI SUBORDINATE
SPI MAIN
POWER CONTROL DIGITAL SECTION
SYNC_01, SYNC_23
VDD25_01, VDD25_23
VTRIM0_CFG
VTRIM1_CFG
VOUT0_CFG
VOUT1_CFG
FSWPH_01_CFG, FSWPH_23_CFG
2.5V
DIGITAL ENGINE
3.3V
TOLERANT PULL-UP
NOT SHOWN
EXTERNAL RESISTIVE
DIVIDERS BETWEEN
VDD25_nn AND
SGND_nn ARE
NOT SHOWN.
SEE TABLES 1, 2 AND 3.
ASEL_01, ASEL_23
SCL_01, SCL_23
SDA_01, SDA_23
ALERT_01, ALERT_23
WP_01, WP_23
RUN0, RUN1
RUN2, RUN3
FAULT0, FAULT1
FAULT2, FAULT3
SHARE_CLK_01, SHARE_CLK_23
5.5V-TOLERANT
PULL-UP NOT
SHOWN
POWER CONTROL
ANALOG SECTION
VOUT2_CFG, VOUT3_CFG
VTRIM2_CFG, VTRIM3_CFG
+
–
EA1,3
–
+
X1
VIN_VBIAS
RUNP
EEPROM
ROM
RAM
32MHz OSC
SYNC DRIVER
3.3V-TOLERANT
PULL-UP NOT
SHOWN
+
–
EA0,2
PROG RCOMP
PROG gm
ADC
10:1 MUX
DIE TEMP SENSE
TEMP MUX
VOUT0, VOUT2 ADJ
TO 0.7V
UP TO 31.25A
LOAD
–
+
A = N
1µF
22µF
0.1µF
2.2µF
0.22µF
VDD33_01,
VDD33_23
VBIAS
VBIAS
SVIN_01,
SVIN_23
IN_01–,
IN_23–
IN_01+,
IN_23+
VIN01,
VIN23
1
+
ALL ANALOG
READBACK SIGNALS
TO ANALOG
READBACK
TO ANALOG
READBACK
LOAD
5.5V
VIN
ALL PINS SHOWN IS FUNCTION ×2
TO SUPPORT CHANNELS 0 AND 1,
AND CHANNELS 2 AND 3.
TWO DIFFERENT PSM CONTROLLERS
1ST CONTROLLER
(PAGE 0X00) = CHANNEL 0
(PAGE 0X01) = CHANNEL 1
2ND CONTROLLER
(PAGE 0X00) = CHANNEL 2
(PAGE 0X01) = CHANNEL 3
SVIN_01, SVIN_23 > 7V
CHANNEL
GUI
IDENTITY
0
1
2
3
U0:A0
U0:A1
U0:B0
U0:B1
TA = 25°C. Using Figure 2 configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com