Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4686B
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 16Page - Analog Devices LTM4686B Datasheet HTML 17Page - Analog Devices LTM4686B Datasheet HTML 18Page - Analog Devices LTM4686B Datasheet HTML 19Page - Analog Devices LTM4686B Datasheet HTML 20Page - Analog Devices LTM4686B Datasheet HTML 21Page - Analog Devices LTM4686B Datasheet HTML 22Page - Analog Devices LTM4686B Datasheet HTML 23Page - Analog Devices LTM4686B Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
LTM4683
20
Rev. 0
For more information www.analog.com
comparator tripping threshold increases with its compen-
sation voltage. Each channel has a 22pF to SGND.
COMP0a, COMP1a, COMP2a, COMP3a (G11, G9, T8,
V11): Loop Compensation Nodes. The internal PWM
loop compensation resistors RCOMPn of the LTM4683
can be adjusted using bit[4:0] of the MFR_PWM_COMP
command. The transconductance of the LTM4683 PWM
error amplifier can be adjusted using bit[7:5] of the MFR_
PWM_COMP command. These two loop compensation
parameters can be programmed when the device is in
operation. See the Programmable Loop Compensation
subsection in the Applications Information section for
further details. See Figure 1.
PGOOD0, PGOOD1, PGOOD2, PGOOD3 (H9, H8, R10,
T10): Power Good Indicator Outputs. The open-drain logic
output is pulled to the ground when the output exceeds
the UV and OV regulation window. The output is de-
glitched by an internal 100µs filter. A pull-up resistor to
3.3V is required in the application.
IIN_01+ (H10): Positive Current Sense Amplifier Input.
If the input current sense amplifier is not used, this pin
must be shorted to the IIN_01– and SVIN_01 pins. See the
Applications Information section for more details about
the input current sensing.
VOSNS0– (H11): Channel 0 Negative Differential Voltage
Sense Input. See VOSNS0+.
SVIN_01 (J8): Input Supply for LTM4683’s Internal Control
IC for Channel 0 and Channel 1. In most applications, it
connects to VIN01. SVIN_01 can be operated from an aux-
iliary supply separate from VIN01 for powering the VIN01
from a lower supply like 6V. The SVIN_23 pin requires
1Ω and 1µF decoupling capacitor to measure the actual
control chip current. See MFR_READ_ICHIP and MFR_
ADC_CONTROL command section. When operating
from 4.5V to 5.75V with no auxiliary bias supply, then
the main device input supply should connect to SVIN_01
and INTVCC_01. See Test Circuit 2 for an example. In this
configuration, the ICHIP current will not be relevant since
INTVCC_01 is connected to SVIN_01. See Input Voltage and
Limits to update low VIN operation parameters.
INTVCC_01 (J9): Internal Regulator, 5.5V Output. When
operating the LTM4683 from 5.75V ≤ SVIN_01 ≤ 14V, an
internal low dropout (LDO) generates INTVCC_01 from
SVIN_01 to bias internal control circuits and the MOSFET
drivers of the LTM4683’s Channel 0 and Channel 1. An
external 4.7µF ceramic decoupling capacitor is required.
INTVCC_01 is on regulated regardless of the RUNn pin
state. When operating the LTM4683 with 4.5V ≤ SVIN_01 <
5.75V, INTVCC_01 must be electrically shorted to SVIN_01,
and the RUNP pin must be pulled to GND. VBIAS takes over
after startup when the input voltage is greater than 7V.
IIN_01– (J10): Negative Current Sense Amplifier Input. If
the input current sense amplifier is not used, this pin
must be shorted to the IIN_01+ and SVIN_01 pins. See the
Applications Information section for more details about
the input current sensing.
VOSNS0+ (J11): Channel 0 Positive Differential Voltage
Sense Input. Together, VOSNS0+ and VOSNS0– serve to
Kelvin-sense the VOUT0 output voltage at VOUT0’s point-
of-load (POL) and provide the differential feedback signal
directly to Channel 0’s feedback loop. Command VOUT0’s
target regulation voltage by serial bus. Its initial command
value at SVIN_01 power-up is dictated by NVM contents
(factory default: 0.5V)—or, optionally, may be set by con-
figuration resistors; see VOUT0_CFG, VTRIM0_CFG and
the Applications Information section.
VIN23 (N5-N6, P5-P6, R5-R6, T5-T6, U5-U6, V5-V6,
W5-W6, Y5-Y6, AA5-AA6, AB5-AB6): Positive Power
Input to Channel 2 and Channel 3 Switching Stages.
Provide sufficient decoupling capacitance in the form
of MLCCs and low ESR electrolytic (or equivalent) to
handle reflected input current ripple from the step-down
switching stage. MLCCs should be placed as close to the
LTM4683 as physically possible. See the Layout Checklist/
Example section in the Applications Information section.
VIN_VBIAS (N9): Input pin to the internal step-down regula-
tor that produces 5.5V (VBIAS pin) to power both internal
controllers to reduce power dissipation after power up.
Each internal controller has an INTVCC_01 or INTVCC_23
regulator that is powered from SVIN_01 or SVIN_23. To
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com