Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4686B
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 15Page - Analog Devices LTM4686B Datasheet HTML 16Page - Analog Devices LTM4686B Datasheet HTML 17Page - Analog Devices LTM4686B Datasheet HTML 18Page - Analog Devices LTM4686B Datasheet HTML 19Page - Analog Devices LTM4686B Datasheet HTML 20Page - Analog Devices LTM4686B Datasheet HTML 21Page - Analog Devices LTM4686B Datasheet HTML 22Page - Analog Devices LTM4686B Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 132 page
background image
LTM4683
19
Rev. 0
For more information www.analog.com
of the pin state. Note that using RCONFIGs on VOUT0_
CFG/VTRIM0_CFG can affect the VOUT0 range setting
(MFR_PWM_MODE0[1]) and loop gain. For addressed
ASEL_01, Page 0x00 corresponds to Channel 0, and Page
0x01 corresponds to Channel 1. See PAGE command
description section.
SCL_01, SCL_23 (D10, W9): Serial Bus Clock Open-Drain
Input (Can Be an Input and Output, if Clock Stretching
is Enabled). A pull-up resistor to 3.3V is required in the
application for digital communication to the SMBus main
device(s) that nominally drive this clock. The LTM4683
will never encounter scenarios where it would need to
engage clock stretching unless serial clock line (SCL)
communication speeds exceed 100kHz—and even then,
LTM4683 will not clock stretch unless clock stretching
is enabled by using the setting MFR_CONFIG_ALL[1] =
1b. The factory-default NVM configuration setting has
MFR_CONFIG_ALL[1] = 0b: clock stretching disabled.
If communication on the bus at clock speeds above
100kHz is required, the user’s SMBus main device(s)
needs to implement clock stretching support to ensure
solid serial bus communications, and only, then should
MFR_CONFIG_ALL[1] be set to 1b. When clock stretch-
ing is enabled, SCL becomes a bidirectional, open-drain
output pin on the LTM4683.
SYNC_01, SYNC_23 (D11, V9): External Clock
Synchronization Input and Open-Drain Output Pin. If an
external clock is present at this pin, the switching fre-
quency will be synchronized to the external clock. If the
main clock mode is enabled, this pin will pull low at the
switching frequency with a 500ns pulse to the ground. A
resistor pull-up to 3.3V is required in the application if the
LTM4683 is the main device.
VDD33_01 (E8): Internally Generated 3.3V Power Supply
Output Pin for Channel 0 and Channel 1 Circuits. This pin
should only be used to provide external current for the
pull-up resistors required for FAULTn, SHARE_CLK_nn,
and SYNC_nn, and may be used to provide external cur-
rent for pull-up resistors on RUNn, SDA_nn, SCL_nn,
ALERT_nn and PGOODn. Where nn is either 0,1 or 2,3
channels, and n is the actual channel. No external decou-
pling is required. VDD33_01 is powered from VBIAS, that
programming RUNn improves efficiency.
WP_01, WP_23 (E9, Y11): Write Protect Pin, Active High.
An internal 10µA current source pulls this pin to VDD33. If
WP is open circuit or logic high, only I2C writes to PAGE,
OPERATION, CLEAR_FAULTS, MFR_CLEAR_PEAKS and
MFR_EE_UNLOCK are supported. Additionally, Individual
faults can be cleared by writing 1b’s to bits of interest in
registers prefixed with STATUS. If WP is low, I2C writes
are unrestricted.
TSNS0, TSNS1, TSNS2, TSNS3 (E11, E10, U8, U9):
Power stage temperature monitors for the four channels.
See the Applications Information section.
VOSNS1– (F8): Channel 1 Negative Differential Voltage
Sense Input. See VOSNS1+.
SGND01, SGND23 (F10-F11, U10-U11): SGND is the sig-
nal ground return path of the LTM4683 internal control-
lers. SGND is not internally connected to GND. Connect
SGND to GND local to the LTM4683. See the Layout
Checklist/Example section.
VOUT1 (F13-F15, G13-G15, H13-H15, J13-J15, K13-
K15): Channel 1 Output Voltage. Place recommended
output capacitors from this output copper shape to GND.
See the Layout Checklist/Example section.
SW1 (G1-G2, H1-H2, J1-J2): Switching Node of Channel 1
Step-Down Converter Stage. Used for test purposes or
EMI-snubbing. It may be routed a short distance to a local
test point to monitor the switching action of channel 1,
if desired, but do not route near any sensitive signals.
Otherwise, leave it open.
VOSNS1+ (G8): Channel 1 Positive Differential Voltage
Sense Input. Together, VOSNS1+ and VOSNS1– serve to
Kelvin-sense the VOUT1 output voltage at VOUT1’s point-
of-load (POL) and provide the differential feedback signal
directly to channel 1’s feedback loop. Command VOUT1’s
target regulation voltage by serial bus. Its initial command
value at SVIN_01 power-up is dictated by NVM contents
(factory default: 0.5V)—or, optionally, may be set by con-
figuration resistors; see VOUT1_CFG, VTRIM1_CFG and
the Applications Information section.
COMP0b, COMP1b, COMP2b, COMP3b (G10, F9, T9,
W11): Current Control Threshold and Error Amplifier
Compensation Nodes. Each associated channel’s current
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com