Electronic Components Datasheet Search
  English  ▼

X  

ADP151 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP151 Datasheet HTML 27Page - Analog Devices ADP151 Datasheet HTML 28Page - Analog Devices ADP151 Datasheet HTML 29Page - Analog Devices ADP151 Datasheet HTML 30Page - Analog Devices ADP151 Datasheet HTML 31Page - Analog Devices ADP151 Datasheet HTML 32Page - Analog Devices ADP151 Datasheet HTML 33Page - Analog Devices ADP151 Datasheet HTML 34Page - Analog Devices ADP151 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
31 of 47
������������������(������������������������) = 1.27������ × (1 +
������������������2
������������������1
) + ������������������/������������ × ������������������2
where:
REN1 and REN2 are the resistors from the EN/UV pin to GND and the EN/UV pin to IN, respectively.
IEN/UV can be ignored if REN1 is less than 100kΩ. If unused, connect the EN/UV pin to IN.
Programmable Power Good
As illustrated in Figure 66, the power-good threshold is user programmable using the ratio of two external resistors,
RPG2 and RPG1:
������������������������(������������_������������������������������������������������������) = 0.298������ × (1 +
������������������2
������������������1
) + ������������������������������ × ������������������2
If the PGFB pin increases to more than 298mV, the open-drain PG pin deasserts and becomes high impedance. The
power-good comparator has 7mV hysteresis and 20μs of deglitching. The IPGFB from Table 1 must be considered
when determining the resistor-divider network. The IPGFB can be ignored if RPG1 is less than 30kΩ. If the power-good
functionality is not used, float the PG pin. Note that programmable power good and fast start-up capabilities are
disabled for output voltages less than 298mV. Connect FGFB to IN if the power good and fast start-up functions are
not needed.
Externally Programmable Current Limit
The current-limit threshold of the ILIM pin is 290mV. Connecting a resistor from ILIM to GND sets the maximum
current flowing out of the ILIM pin, which, in turn, programs the current limit of the LT3046. With a 150mA × kΩ
programming scale factor, calculate the current limit as follows:
������������������������������������������ ������������������������������ =
150������������ × ������Ω
������������������������������
For example, a 750Ω resistor programs the current limit to 200mA and a 1.5kΩ resistor programs the current limit to
100mA. For accuracy, Kelvin connect this resistor to the GND pin of the LT3046.
When the IN-to-OUT differential is greater than 11V, the foldback circuitry of the LT3046 decreases the internal
current limit. As a result, the internal current limit can override the externally programmed current-limit level to
keep the LT3046 within its safe-operating area (SOA). See Figure 32.
As shown in Figure 66, the ILIM pin sources current proportional (1:520) to the output current; therefore, it also
serves as a current-monitoring pin with a 0V to 290mV range. If external current limit or current monitoring is not
used, connect ILIM to GND.
Output Overshoot Recovery
During a load-step change from full load to no load (or light load), the output voltage overshoots before the
regulator responds to turn the power transistor off. Given that there is no load (or a light load) present at the
output, it takes a long time to discharge the output capacitor.
As shown in Figure 66, the LT3046 incorporates overshoot recovery circuitry that turns on a current sink to
discharge the output capacitor in the event OUTS is higher than SET. This current is typically approximately 4mA.
No load recovery is disabled for input voltages less than 2.5V or output voltages less than 1.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com