Electronic Components Datasheet Search
  English  ▼

X  

ADP151 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP151 Datasheet HTML 31Page - Analog Devices ADP151 Datasheet HTML 32Page - Analog Devices ADP151 Datasheet HTML 33Page - Analog Devices ADP151 Datasheet HTML 34Page - Analog Devices ADP151 Datasheet HTML 35Page - Analog Devices ADP151 Datasheet HTML 36Page - Analog Devices ADP151 Datasheet HTML 37Page - Analog Devices ADP151 Datasheet HTML 38Page - Analog Devices ADP151 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
35 of 47
Overload Recovery
Like many IC power regulators, the LT3046 incorporates SOA protection. The SOA protection activates at input-to-
output differential voltages greater than 11V. The SOA protection decreases the current limit because the input-to-
output differential increases and keeps the power transistor inside a safe operating region for all values of input-to-
output voltages up to the Absolute Maximum Ratings of the LT3046. The LT3046 provides some level of output
current for all values of input-to-output differentials. See Figure 32. When power is first applied and the input
voltage rises, the output follows the input and keeps the input-to-output differential low to allow the LDO regulator
to supply the large output current and startup into high-current loads.
Due to current-limit foldback, however, at high-input voltages, a problem can occur if the output voltage is low,
and the load current is high. Such situations occur after the removal of a short-circuit or if the EN/UV pin is pulled
high after the input voltage is already turned on. The load-line in such cases intersects the output-current profile at
two points. The regulator now has two stable operating points. With this double intersection, the input-power
supply may need to be cycled down to zero and brought back up again to allow the output to recover. Other LDO
regulators with foldback current-limit protection (such as the LT1965 and LT1963A) also exhibit this phenomenon;
therefore, it is not unique to the LT3046.
Protection Features
The LT3046 incorporates several protection features for battery-powered applications. Precision current-limit and
thermal-overload protection protect the LT3046 against overload and fault conditions at the output of the device.
For normal operation, do not allow the junction temperature to exceed +125°C.
To protect the low-noise error amplifier of the LT3046, the SET-to-OUTS protection clamp limits the maximum
voltage between SET and OUTS with a maximum DC current of 20mA through the clamp. Therefore, for
applications where SET is actively driven by a voltage source, the voltage source must be current limited to 20mA
or less. Moreover, to limit the transient current flowing through these clamps during a transient fault condition,
limit the maximum value of the SET pin capacitor (CSET) to 22μF.
The LT3046 also incorporates reverse-input protection whereby the IN pin withstands reverse voltages of up to -20V
without causing any input-current flow and without developing negative voltages at the OUT pin. The regulator
protects both itself and the load against batteries that are plugged in backwards.
In circuits where a backup battery is required, several different input and output conditions can occur. The output
voltage can be held up while the input is either pulled to GND, pulled to some intermediate voltage, or left open-
circuit. In all cases, the reverse-current protection circuitry prevents current flow from the output to the input.
Nonetheless, due to the OUTS-to-SET clamp, unless the SET pin is floating, current can flow to GND through the
SET pin resistor as well as up to 15mA to GND through the output overshoot recovery circuitry. This current flow
through the output overshoot recovery circuitry can be significantly reduced by placing a Schottky diode between
the OUTS and SET pins, with its anode at the OUTS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com