Electronic Components Datasheet Search
  English  ▼

X  

ADP151 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 5 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices ADP151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
5 of 47
(TJ = -40°C to +125°C for the minimum and maximum values, TA = +25°C for the typical values, output capacitance
(COUT) = 4.7µF ceramic capacitor, and SET capacitance (CSET) = 4.7µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
VRIPPLE = 80mVP-P, fRIPPLE = 10MHz, IL =
200mA
60
Ripple Rejection
0.2V ≤ VOUT < 1.3V (VIN -
VOUT = 1.7V (Avg) or
VIN(MIN) = 2.2V3,7)
VRIPPLE = 500mVP-P, fRIPPLE = 120Hz, IL =
200mA
92
dB
VRIPPLE = 50mVP-P, fRIPPLE = 10kHz, IL =
200mA
88
VRIPPLE = 50mVP-P, fRIPPLE = 100kHz, IL =
200mA
77
VRIPPLE = 50mVP-P, fRIPPLE = 1MHz, IL =
200mA
69
VRIPPLE = 50mVP-P, fRIPPLE = 10MHz, IL =
200mA
60
EN/UV Pin Threshold
EN/UV trip-point rising (turn-on),
VIN = 2.2V
1.19
1.27
1.35
V
EN/UV Pin Hysteresis
EN/UV trip-point hysteresis, VIN =
2.2V
110
mV
EN/UV Pin Current
VEN/UV = 0V, VIN = 20V
±1
µA
VEN/UV = 1.27V, VIN = 20V
0.04
VEN/UV = 20V, VIN = 0V
1.7
8
Quiescent Current in
Shutdown (VEN/UV = 0V)
VIN = 6V
TA = +25°C
26
100
µA
Internal Current Limit8
VIN = 2.2V, VOUT = 0V
215
250
285
mA
VIN = 12V, VOUT = 0V
210
VIN = 20V, VOUT = 0V
160
205
250
Programmable Current
Limit
Programming scale factor: 2.2V <
VIN < 20V9
150
mA ×
kΩ
VIN = 2.2V, VOUT = 0V, RILIM = 750Ω
180
200
220
mA
VIN = 2.2V, VOUT = 0V, RILIM = 1.5kΩ
90
100
110
PGFB Trip Point
PGFB trip point rising
288.5
298
308.5
mV
PGFB Hysteresis
PGFB trip point hysteresis
7
mV
PGFB Pin Current
VIN = 2.2V, VPGFB = 298mV
25
nA
PG Output Low Voltage
IPG = 100µA
35
110
mV
PG Leakage Current
VPG = 20V
1
µA
Reverse Input Current
VIN = -20V, VEN/UV = 0V, VOUT = 0V, VSET =
0V
200
µA
Reverse Output Current
VIN = 0V, VOUT =
5V, SET = open
TA = +25°C
22
1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com