Electronic Components Datasheet Search
  English  ▼

X  

ADP151 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 4 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices ADP151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
4 of 47
(TJ = -40°C to +125°C for the minimum and maximum values, TA = +25°C for the typical values, output capacitance
(COUT) = 4.7µF ceramic capacitor, and SET capacitance (CSET) = 4.7µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
460
IL = 200mA
TA = +25°C
300
380
470
GND Pin Current6
IL = 10µA
3.7
mA
IL = 1mA
3.75
6.6
IL = 20mA
4.2
8
IL = 100mA
5.6
10.5
IL = 200mA
8
15
Output-Noise Spectral
Density3,7
IL = 200mA, frequency = 10Hz, CSET =
0.47µF, VOUT = 3.3V
148
nV/√Hz
IL = 200mA, frequency = 10Hz, CSET =
4.7µF, 1.3V ≤ VOUT ≤ 19V
24
IL = 200mA, frequency = 10kHz, CSET
= 0.47µF, 1.3V ≤ VOUT ≤ 19V
2.2
IL = 200mA, frequency = 10kHz, CSET
= 0.47µF, 0.2V ≤ VOUT < 1.3V
5
Output RMS Noise3,7
IL = 200mA, BW = 10Hz to 100kHz,
CSET = 0.47µF, VOUT = 3.3V
1.7
µVRMS
IL = 200mA, BW = 10Hz to 100kHz,
CSET = 4.7µF, 1.3V ≤ VOUT ≤ 19V
0.8
IL = 200mA, BW = 10Hz to 100kHz,
CSET = 4.7µF, 0.2V ≤ VOUT < 1.3V
1.6
Output Peak-to-Peak
1/f Noise3,7
IL = 200mA, BW = 0.1Hz to 10Hz, CSET
= 4.7µF, VOUT = 3.3V
4
µVP-P
IL = 200mA, BW = 0.1Hz to 10Hz, CSET
= 22µF, VOUT = 3.3V
2.5
Reference Current RMS
Output Noise3,7
BW = 10Hz to 100kHz
6
nARMS
Ripple Rejection
1.3V ≤ VOUT ≤ 19V (VIN -
VOUT = 1.7V (Avg)3,7)
VRIPPLE = 500mVP-P, fRIPPLE = 120Hz, IL =
200mA
102
dB
VRIPPLE = 150mVP-P, fRIPPLE = 10kHz, IL =
200mA
96
VRIPPLE = 150mVP-P, fRIPPLE = 100kHz, IL
= 200mA
82
VRIPPLE = 150mVP-P, fRIPPLE = 1MHz, IL =
200mA
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com