Electronic Components Datasheet Search
  English  ▼

X  

ADP151 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices ADP151 Datasheet HTML 9Page - Analog Devices ADP151 Datasheet HTML 10Page - Analog Devices ADP151 Datasheet HTML 11Page - Analog Devices ADP151 Datasheet HTML 12Page - Analog Devices ADP151 Datasheet HTML 13Page - Analog Devices ADP151 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
10 of 47
Table 4. Pin Descriptions
PIN
NAME
DESCRIPTION
1, 2
IN
Input. The IN pins supply power to the regulator. The LT3046 requires a bypass
capacitor at the IN pin. In general, the output impedance of a battery rises with
frequency; therefore, it is best practice to include a bypass capacitor in battery-
powered applications. While a 4.7μF input bypass capacitor generally suffices,
applications with large load transients can require higher input capacitance to prevent
input supply droop. See the Stability and Input Capacitance and PSRR and Input
Capacitance sections for the proper use of an input capacitor and its effect on circuit
performance, in particular PSRR. The LT3046 withstands reverse voltages on IN with
respect to GND, OUTS, and OUT. In the case of a reversed input, which occurs if a
battery is plugged-in backwards, the LT3046 acts as if a diode is in series with its input.
Therefore, no reverse-current flows into the LT3046 and no negative voltage appears
at the load. The device protects itself and the load.
3
EN/UV
Enable and UVLO. Pulling the EN/UV pin low moves the LT3046 to shutdown mode.
Quiescent current in shutdown mode drops to 26μA and the output voltage turns off.
Alternatively, the EN/UV pin can set an input supply undervoltage lockout (UVLO)
threshold by using a resistor divider between IN, EN/UV, and GND. The LT3046 typically
turns on when the EN/UV voltage exceeds 1.27V on its rising edge, with a 110mV
hysteresis on its falling edge. The EN/UV pin can be driven above the input voltage and
maintain proper functionality. If unused, connect EN/UV to IN. Do not float the EN/UV
pin.
4
DNC
Do not connect.
5
PG
Power Good. PG is an open-drain flag that indicates output voltage regulation. PG
pulls low if PGFB is less than 298mV. If the power good functionality is not needed,
float the PG pin. A parasitic substrate diode exists between PG and GND pins of the
LT3046; therefore, do not drive PG more than 0.3V below GND during normal operation
or during a fault condition. The PG flag status is valid even if the LT3046 is in shutdown
with the PG pin being pulled low.
6
ILIM
Current Limit Programming Pin. Connecting a resistor between ILIM and GND
programs the current limit. For best accuracy, Kelvin connect this resistor directly to
the GND pin of the LT3046. The programming scale factor is nominally 150mA x kΩ.
The ILIM pin sources current proportional (1:520) to the output current. Therefore, ILIM
also serves as a current monitoring pin with a 0V to 290mV range. If the programmable
current limit functionality is not needed, connect ILIM to GND. A parasitic substrate
diode exists between the ILIM and GND pins of the LT3046; therefore, do not drive ILIM
more than 0.3V below GND during normal operation or during a fault condition.
7
PGFB
Power Good Feedback. The PG pin pulls high if PGFB increases beyond 298mV on its
rising edge, with 7mV hysteresis on its falling edge. Connecting an external resistor
divider between OUT, PGFB, and GND sets the programmable power good threshold
with the following transfer function: 0.298V × (1 + RPG2/RPG1). As discussed further in the
Fast Startup section, PGFB also activates the fast start-up circuitry. Connect PGFB to IN
if the power good and fast start-up functions are not needed. In addition, if reverse
input protection is additionally required, connect the anode of a 1N4148 diode to IN
and its cathode to PGFB. See Figure 77 for further details. A parasitic substrate diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com