Electronic Components Datasheet Search
  English  ▼

X  

ADP151 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP151
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP151 Datasheet HTML 20Page - Analog Devices ADP151 Datasheet HTML 21Page - Analog Devices ADP151 Datasheet HTML 22Page - Analog Devices ADP151 Datasheet HTML 23Page - Analog Devices ADP151 Datasheet HTML 24Page - Analog Devices ADP151 Datasheet HTML 25Page - Analog Devices ADP151 Datasheet HTML 26Page - Analog Devices ADP151 Datasheet HTML 27Page - Analog Devices ADP151 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
24 of 47
APPLICATIONS INFORMATION
The LT3046 is a high-performance, low-dropout, linear regulator featuring Analog Devices’ ultra-low noise
(2.2nV/√Hz at 10kHz) and ultra-high PSRR (82dB at 1MHz) architecture for powering noise-sensitive applications.
Designed as a precision current source followed by a high-performance rail-to-rail voltage buffer, the LT3046 can
be easily paralleled to further reduce noise, increase output current, and spread heat on the PCB. The device
additionally features programmable current limit, fast start-up capability, and programmable power good.
The LT3046 is easy to use and incorporates all of the protection features expected in high-performance regulators.
Included are short-circuit protection, safe operating area protection, reverse-battery protection, reverse-current
protection, and thermal shutdown with hysteresis.
Output Voltage
The LT3046 incorporates a precision 100μA current source flowing out of the SET pin, which also connects to the
inverting input of the error amplifier. Figure 67 illustrates that connecting a resistor from SET to ground generates a
reference voltage for the error amplifier. This reference voltage is the product of the SET pin current and the SET
pin resistor. The unity-gain configuration of the error amplifier produces a low-impedance version of this voltage
on its noninverting input, that is, the OUTS pin, which is externally connected to the OUT pin.
Figure 67. Basic Adjustable Regulator
The rail-to-rail error amplifier and current reference of the LT3046 allows for a wide output-voltage range from 0.2V
to VIN minus dropout, up to 19V. A PNP-based input pair is active for a 0.2V to ~0.95V output and an NPN-based
input pair is active for output voltages greater than ~0.95V, with an abrupt transition between the two input pairs at
~0.95V output with approximately 28mV of hysteresis. While the NPN-based input pair is designed to offer the best
overall performance, see Table 1 for details on the offset voltage, SET pin current, output noise, and PSRR variation
with the error-amplifier input pair. Table 5 lists many common output voltages and their corresponding 1% RSET
resistors.
Table 5. 1% Resistor for Common Output Voltages
VOUT (V)
RSET (kΩ)
2.5
24.9
3.3
33.2
5
49.9
12
121
15
150
18
180
4.7µF
4.7µF
0.47µF
33.2kΩ
100µA
IN
EN/UV
PGFB
VIN
5V ±5%
SET
GND
ILIM
OUTS
OUT
LT3046
VOUT
3.3V
IOUT(MAX)
200mA
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com