Electronic Components Datasheet Search
  English  ▼

X  

CPS42 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CPS42
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS42 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CPS42 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ceraliquid CPS42 / CPS42D / CPS43
6
Endress+Hauser
Design, dimensions CPS42D
a0003390-en
CPS42 with SSA plug-in head
1
SSA plug-in head, Pg 13.5
2
Hose connection for KCl refilling
3
Viton O-ring with thrust collar
4
Inner metal lead
5
Ag/AgCl lead for the reference
6
Liquid KCl electrolyte
7
Ceramic diaphragm
8Platinum ring
a0003389-en
CPS42 with ESS plug-in head
1
ESS plug-in head, Pg 13.5
2
Hose connection for KCl refilling
3
Viton O-ring with thrust collar
4
Inner metal lead
5
Ag/AgCl lead for the reference
6
Liquid KCl electrolyte
7
Ceramic diaphragm
8Platinum ring
1
2
4
5
7
8
6
3
12/0.47
mm/inch
2
3
5
7
8
1
6
4
12 / 0.47
mm / inch
a0003717-en
CPS42D with Memosens plug-in head
1
Memosens plug-in head
2
Viton O-ring with thrust collar
3
KCl refilling
4
Inner metal lead
5
Ag/AgCl lead for the reference
6
Liquid KCl electrolyte
7
NTC 30K temperature sensor
8
Ceramic diaphragm
9Platinum ring
a0003716-en
CPS42D with Memosens plug-in head and KCl connection
1
Memosens plug-in head
2
Hose connection for KCl refilling
3
Viton O-ring with thrust collar
4
Inner metal lead
5
Ag/AgCl lead for the reference
6
Liquid KCl electrolyte
7
NTC 30K temperature sensor
8
Ceramic diaphragm
9Platinum ring
1
4
5
7
8
3
6
9
2
12/0.47
mm / inch
2
3
5
6
9
1
7
8
4
12 / 0.47
mm / inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com