Electronic Components Datasheet Search
  English  ▼

X  

CPS42 Datasheet(PDF) 11 Page - Endress+Hauser Group Services AG

Part # CPS42
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS42 Datasheet(HTML) 11 Page - Endress+Hauser Group Services AG

Back Button CPS42 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 12Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Ceraliquid CPS42 / CPS42D / CPS43
Endress+Hauser
11
• Probfit H CPA465
Retractable assembly for installation in tanks and pipes under sterile conditions
Ordering acc. to product structure, see Technical Information (TI146C/07/en)
• Ecofit CPA640
Process connection adapter and cable set for 120 mm / 4.72" pH/ORP electrodes
Ordering acc. to product structure, see Technical Information (TI264C/07/en)
Electrolyte vessel
• CPY7 electrolyte vessel
Reservoir for KCl electrolyte, 150 ml / 0.04 US.gal
Ordering acc. to product structure, see Operating Instructions (BA 128C/07/en)
Electrolyte solutions
KCl-electrolyte solutions for liquid filled electrodes
• 3.0 mol, T = -10 ... 100 °C (14 ... 212 °F), 100 ml (3 oz), order no. CPY4-1
• 3.0 mol, T = -10 ... 100 °C (14 ... 212 °F), 1000 ml (30 oz), order no. CPY4-2
• 1.5 mol, T = -30 ... 100 °C (-22 ... 266 °F), 100 ml (3 oz), order no. CPY4-3
• 1.5 mol, T = -30 ... 100 °C (-22 ... 266 °F), 1000 ml (30 oz), order no. CPY4-4
Buffer solutions
Technical buffer solutions for ORP electrodes
• +220 mV, pH 7.0, 100 ml (0.026 US gal.); order no. CPY3-0
• +468 mV, pH 0.1, 100 ml (0.026 US gal.); order no. CPY3-1
Transmitters
• Liquisys M CPM223/253
Transmitter for pH and redox, field or panel-mounted housing,
Hart® or PROFIBUS available
Ordering acc. to product structure, see Technical Information (TI194C/07/en)
• Mycom S CPM153
Transmitter for pH and redox, one or two channel version, Ex or Non-Ex,
Hart® or PROFIBUS available
Ordering acc. to product structure, see Technical Information (TI233C/07/en)
• Liquiline M CM42
Modular two-wire transmitter for Ex and non-Ex areas
Hart®, PROFIBUS or FOUNDATION Fieldbus available
Ordering acc. to product structure, see Technical Information (TI381C/07/en)
a0004012
Probfit H CPA465
a0003145
Ecofit CPA640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com