Electronic Components Datasheet Search
  English  ▼

X  

CPS42 Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # CPS42
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS42 Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button CPS42 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 12Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Ceraliquid CPS42 / CPS42D / CPS43
Endress+Hauser
9
Product structure CPS43 (for
combination with single pH
electrode CPS64)
Accessories
! Note!
In the following sections, you find the accessories available at the time of issue of this documentation.
For information on accessories that are not listed here, please contact your responsible service.
Assemblies
• Cleanfit P CPA471
Compact retractable stainless steel assembly for installation in tanks and pipes, manual or pneumatic
operation
Ordering acc. to product structure, see Technical Information (TI217C/07/en)
• Cleanfit P CPA472
Compact retractable plastic assembly for installation in tanks or pipes, manual or pneumatic operation
Ordering acc. to product structure, see Technical Information (TI223C/07/en)
• Cleanfit P CPA473
Retractable stainless steel process assembly with ball valve for a particularly safe and reliable separation of
the medium from the environment
Ordering acc. to product structure, see Technical Information (TI344C/07/en)
• Cleanfit P CPA474
Retractable plastic process assembly with ball valve for a particularly safe and reliable separation of the
medium from the environment
Ordering acc. to product structure, see Technical Information (TI345C/07/en)
• Cleanfit H CPA475
Retractable assembly for installation in tanks and pipes under sterile conditions
Ordering acc. to product structure, see Technical Information (TI240C/07/en)
Electrode type
0
Standard version
Reference type
TB
Liqid KCl
Shaft length
2
120 mm / 4.72
Plug-in head
ESS
Hose connection Pg 13.5, TOP68, 16 bar / 232 psi, Ex
SSA
Hose connection Pg 13.5
CPS43-
complete order code
a0004009
Cleanfit P CPA471 or 472
a0004010
Cleanfit P CPA473 or 474
a0004011
Cleanfit H CPA475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com