Electronic Components Datasheet Search
  English  ▼

X  

CPS42 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CPS42
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS42 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CPS42 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Ceraliquid CPS42 / CPS42D / CPS43
Endress+Hauser
7
Design, dimensions CPS43
Weight
0.1 kg / 0.2 lb.
Material
Process connection
Pg 13.5
Plug-in heads
Reference system
Ag/AgCl metal lead with liquid KCl, 3 M, AgCl free
a0004272-en
CPS43 with SSA plug-in head
1
SSA plug-in head, Pg 13.5
2
Hose connection for KCl refilling
3
Viton O-ring with thrust collar
4
Ag/AgCl reference lead
5
Liquid KCl electrolyte
6
Ceramic diaphragm
a0004271-en
CPS43 with ESS plug-in head
1
ESS plug-in head, Pg 13.5
2
Hose connection for KCl refilling
3
Viton O-ring with thrust collar
4Ag/AgCl reference lead
5
Liquid KCl electrolyte
6
Ceramic diaphragm
1
2
3
4
5
6
12 / 0.47
mm / inch
Electrode shaft
process glass
Redox measuring element
platinum ring
Diaphragm
ceramic diaphragm, sterilisable
CPS42:
ESA:
threaded plug-in head Pg 13.5, TOP68, 16 bar / 232 psi, Ex
ESS:
hose connection Pg 13.5, TOP 68, 10 bar / 145 psi, Ex
GSA:
threaded plug-in head Pg 13.5
SSA:
hose connection Pg 13.5
CPS42D-****A*:
Memosens plug-in head for digital, contactless data transmission, 16 bar / 232 psi,
Ex and non-Ex
CPS42D-****B*:
Memosens plug-in head with hose connection for KCl refilling, for digital,
contactless data transmission, 10 bar / 145 psi, Ex and non-Ex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com