Electronic Components Datasheet Search
  English  ▼

X  

CPS42 Datasheet(PDF) 12 Page - Endress+Hauser Group Services AG

Part # CPS42
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS42 Datasheet(HTML) 12 Page - Endress+Hauser Group Services AG

Back Button CPS42 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 9Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 10Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 11Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 12Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Measuring cables
• CPK9 special measuring cable
For sensors with TOP68 plug-in head, for high-temperature and high-pressure applications, IP 68
Ordering acc. to product structure, see Technical Information (TI118C/07/en)
• CPK1 special measuring cable
For pH/redox electrodes with GSA plug-in head
Ordering acc. to product structure, see Technical Information (TI118C/07/en)
• CYK10 Memosens data cable
For digital sensors with Memosens technology
Ordering according to product structure, see below
! Note!
Ex versions of CYK10 are indicated by an orange-red coupling end.
Certificates
A
Standard, non Ex
G
ATEX II 1G EEx ia IIC T6/T4
Cable length
03
Cable length: 3 m / 9.84 ft
05
Cable length: 5 m / 16.41 ft
10
Cable length: 10 m / 32.81 ft
15
Cable length: 15 m / 49.22 ft
20
Cable length: 20 m / 65.62 ft
25
Cable length: 25 m / 82.03 ft
88
... m length
89
... ft length
Ready-made
1Wire terminals
CYK10-
complete order code
International Head Quarters
Endress+Hauser
GmbH+Co. KG
Instruments International
Colmarer Str. 6
79576 Weil am Rhein
Deutschland
Tel. +49 76 21 9 75 02
Fax +49 76 21975345
www.endress.com
info@ii.endress.com
TI373C/07/en/05.05
51513589
Printed in Germany / FM+SGML 6.0 / DT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com