Electronic Components Datasheet Search
  English  ▼

X  

CPS42 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CPS42
Description  Ceraliquid CPS42/CPS42D/CPS43
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPS42 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CPS42 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 8Page - Endress+Hauser Group Services AG CPS42 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ceraliquid CPS42 / CPS42D / CPS43
Endress+Hauser
3
Data storage of the CPS42D
Digital sensors are able to store the following system data in the sensor.
• Manufacturing data
– Serial number
–Order code
– Date of manufacture
• Calibration data
– Calibration date
– Calibrated offset (operating mode "mV")
– % slope (operating mode "%")
– Number of calibrations
– Serial number of the transmitter used for the last calibration
• Application data
– Temperature application range
– Redox application range
– Date of first commissioning
– Operating hours
These system data can be displayed with the Mycom S or the Liquiline M CM42 transmitter.
Measuring system
A complete measuring system comprises:
• CPS42 or CPS42D ORP electrode
• Transmitter, e.g. Liquisys M CPM223/253 (with Memosens technology for CPS42D)
• Special measuring cable, e.g. CPK9 or CYK Memosens data cable for CPS42D
• Immersion, flow or retractable assembly, e.g. Unifit H CPA441
a0003114
Measuring system for redox measurement
1
Unifit H CPA441
2
CPS42 or CPS42D ORP electrode
3
CPK9 special measuring cable (for electrodes with TOP68 plug-in head) / CYK10 for digital sensors
4
Liquisys M CPM253 transmitter
Input
Measured variables
Redox potential
Measuring range
-1500 ... 1500 mV
" Caution!
Please note the process operating conditions.
3
4
ENDRESS+HAUSER
LIQUISYS
CAL
REL
REL1
REL1
ALARM
REL2
REL2
E
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com