Electronic Components Datasheet Search
  English  ▼

X  

3A13 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 3A13
Description  TYPE CERTIFICATE DATA SHEET NO. 3A13
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3A13 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 3A13 Datasheet HTML 12Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 13Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 14Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 15Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 16Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 17Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 18Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 19Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
3A13
Page 16 of 37
Rev. 66
Model TR182 (cont'd)
Propeller and
3.
McCauley constant speed (S/N R18201315, R18201629 and on and
Propeller Limits (cont'd)
aircraft reworked per SK182-71 or SK182-72)
(a) Hub B3D32C407/82NDA-3 blades
Diameter: not over 79 in., not under 78 in.
Pitch settings at 30 in. sta.:
low 16.0°, high 31.7°
(b) Cessna prop & spinner installation 2252076
Cessna spinner installation 2252074
(c) McCauley governor C290D3/T22
(d) McCauley governor DC290D1/T8
Models R182, TR182
*Airspeed Limits
1978 Model R182 Maneuvering
112 knots
(IAS)
Maximum structural cruising
143 knots
(See NOTE 5 on use of IAS)
Never exceed
182 knots
Flaps extended
95 knots
Landing gear extension
140 knots
1979 Model R182 Maneuvering
112 knots
Maximum structural cruising
160 knots
Never exceed
182 knots
Flaps extended
95 knots
Landing gear extension
140 knots
Model TR182
Maneuvering
112 knots
Maximum structural cruising
157 knots
Never exceed
179 knots
Flaps extended
95 knots
Landing gear extension
140 knots
1980 and up Model R182 Maneuvering
112 knots
Maximum structural cruising
159 knots
Never exceed
181 knots
Flaps extended
95 knots
Landing gear extension
140 knots
Model TR182
Maneuvering
112 knots
Maximum structural cruising
157 knots
Never exceed
178 knots
Flaps extended
95 knots
Landing gear extension
140 knots
C.G. Range
(a) S/N R18200001 through R18201628 except R18200975 & R18201315
(+40.9) to (+47.0) at 3100 lb.
(+35.5) to (+47.0) at 2700 lb.
(+33.0) to (+47.0) at 2250 lb. or less
Straight line variation between points given
Moment change due to retracting gear (+3052 in.-lb.)
(b) S/N R18200975, R18201315, R18201629 through R18202041
(+40.9) to (+46.0) at 3100 lb.
(+35.5) to (+46.0) at 2700 lb.
(+33.0) to (+46.0) at 2250 lb. or less
Straight line variation between points given
Moment change due to retracting gear (+3052 in.-lb.)
Empty Wt. C.G. Range
None
*Maximum Weight
3100 lb.
No. of Seats
4 (2 front at +32.0 to +50.0)
(2 rear at +74.0)
Maximum Baggage
200 lb. (120 lb. at +82.0 to +110.0)
( 80 lb. at +110.0 to +134.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com