Electronic Components Datasheet Search
  English  ▼

X  

3A13 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3A13
Description  TYPE CERTIFICATE DATA SHEET NO. 3A13
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3A13 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3A13 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Rev. 66
Page 3 of 37
3A13
II - Model 182A, Skylane, 4 PCLM (Normal Category), Approved December 7, 1956
Engine
Continental O-470-L
*Fuel
80 minimum grade aviation gasoline
*Engine Limits
For all operations, 2600 r.p.m. (230 hp.)
Propeller and
1. Hartzell constant speed
Propeller Limits
(a) Hub HC82XF-1 or HCA2XF-1 or BHCA2XF-1 with 8433-2 blades
Diameter: not over 82 in., not under 80 in.
Pitch settings at 30 in. sta.:
low 12°, high 24°
(b) Cessna spinner 0752006
(c) Woodward governor 210065, 210105, 210155 or 210340
2. McCauley constant speed
(a) Hub 2A36C with 90M-8 blades
Diameter: not over 82 in., not under 80 in.
Pitch settings at 36 in. sta.:
low 10.5°, high 22°
(b) Cessna spinner 0752004
(c) Woodward governor 210065, 210105, 210155 or 210452,
or McCauley C290D2/T1 or C290D3/T1
3. Hartzell constant speed
(a) Hub BHC-C2YF-1 with 8468-2 blades
Diameter: not over 82 in., not under 80 in.
Pitch settings at 30 in. sta.:
low 13°, high 24°
(b) Cessna spinner 0752619
(c) Woodward governor 210105AF, 210340 or 210451
4. McCauley constant speed
(a) Hub 2A34C with 90A-8 or 90AT-8 blades
Diameter: not over 82 in., not under 80 in.
Pitch settings at 36 in. sta.:
low 10.5°, high 21.5°
(b) Cessna spinner 0752004
(c) Woodward governor 210065, 210105, 210155, 210345, 210452,
or McCauley C290D2/T1 or C290D3/T1
5. Aircraft reworked per Cessna Service Kit SK182-121:
McCauley constant speed (Threadless)
(a) Hub 2A34C203/90DCA-8 blades
Diameter: not over 82 in., not under 80.5 in.
Pitch settings at 30 in. sta.:
low 12.5°, high 25.0°
(b) Cessna spinner 0752004
(c) Woodward governor 210065, 210105, 210155, 210345, or 210452,
or Garwin 34-828-01, or McCauley C290D2/T1 or C290D3/T1
*Airspeed Limits
Maneuvering
122 m.p.h. (106 knots)
(CAS)
Maximum structural cruising
160 m.p.h. (139 knots)
Never exceed
184 m.p.h. (160 knots)
Flaps extended
100 m.p.h. ( 87 knots)
C.G. Range
(+40.0) to (+45.8) at 2650 lb.
(+33.5) to (+45.8) at 2100 lb. or less
Straight line variation between points given
Empty Wt. C.G. Range
None
*Maximum Weight
2650 lb.
No. of Seats
4 (2 at +36, 2 at +70)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com