Electronic Components Datasheet Search
  English  ▼

X  

3A13 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 3A13
Description  TYPE CERTIFICATE DATA SHEET NO. 3A13
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3A13 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 3A13 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 11Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 12Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 13Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 14Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 15Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 16Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Rev. 66
Page 13 of 37
3A13
IX - Model 182P, Skylane (Cont’d)
Empty Wt. C.G. Range
None
*Maximum Weight
2950 lb.
No. of Seats
4 (2 front at +32.0 to +50.0)
(2 rear at +74)
Maximum Baggage
Serial Numbers 18260826 through 18263475
200 lb. (120 lb. at + 82.0 to +108.0)
(80 lb. at +108.0 to +124.0)
Serial Numbers 675 and 18263476 through 18265175
200 lb. (120 lb. at + 82.0 to +108.0)
(80 lb. at +108.0 to +136.0)
Fuel Capacity
(S/N 675, 18260826 through 18262250)
Standard Range Tanks:
65 gal. (60 gal. usable); two 32.5 gal. tanks in wings at +48
Long Range Tanks:
84 gal. (79 gal. usable); two 42.0 gal. tanks in wings at +48
(S/N 18262251 through 18265175)
Standard Range Tanks:
61 gal. (56 gal. usable); two 29 gal. tanks in wings at +48
Long Range Tanks:
80 gal. (75 gal. usable); two 37 gal. tanks in wings at +48
See NOTE 1 for data on unusable fuel
Oil Capacity
12 qt. (-15) (6 qt. usable)
See NOTE 1 for data on undrainable oil
Control Surface
Wing flaps
Down
40° +1°, -2°
Movements
Elevator tab
Up
25° +2°
Down
15° +1°
Ailerons
Up
20° +2°
Down
15° +2°
Elevator (rel. to stabilizer)
Up
26° +1°
Down
17° +1°
Rudder(parallel to 0.00 W.L.)
Right
24° +1°
Left
24° +1°
(perpendicular to hinge line)
Right
27° 13' +1°
Left
27° 13' +1°
Serial Nos. Eligible
Model 182P:
18260826 through 18261425 (1972 Model)
18261426 through 18262465 (1973 Model)
18262466 through 18263475 (1974 Model)
675, 18263476 through 18264295 except 18263479 (1975 Model)
18264296 through 18265175 (1976 Model)
X - Model 182Q, Skylane, 4 PCLM (Normal Category), Approved July 28, 1976
Engine
Continental O-470-U
*Fuel
100/130 minimum aviation grade gasoline (S/N 18265176 through 18265965)
100LL/100 aviation grade gasoline (S/N 18265966 through 18267715)
*Engine Limits
For all operations, 2400 r.p.m. (230 hp.)
Propeller and
McCauley constant speed
Propeller Limits
(a) Hub C2A34C204/90DCB-8 blades
Diameter: not over 82 in., not under 80.5 in.
Pitch settings at 30 in. sta.:
low 15°, high 29.4°
(b) Cessna spinner 0752637
(c) McCauley governor C290D3/T14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com