Electronic Components Datasheet Search
  English  ▼

X  

3A13 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 3A13
Description  TYPE CERTIFICATE DATA SHEET NO. 3A13
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3A13 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 3A13 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 32Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 33Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 34Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Rev. 66
Page 31 of 37
3A13
TR182, Cessna P/N D1199-13PH
(S/N R18201629 through R18201798)
TR182, Cessna P/N D1218-13PH
(S/N R18201799 through R18201928)
TR182, Cessna P/N D1236-13PH
(S/N R18201929 through R18201973)
TR182, Cessna P/N D1257-13PH
(S/N R18201974 through R18201999)
TR182, Cessna P/N D1278-13PH
(S/N R18201315, R18202000 through R18202031)
TR182, Cessna P/N D1300-13PH
(S/N R18202032 through R18202041)
NOTE 6.
14-volt electrical system
(182 series through S/N 18265965 except 18263479)
28-volt electrical system
(182 series S/N 18263479, 18265966 through 18268586)
(R182 and TR182 series S/N R18200001 through R18202041)
NOTE 7:
Special Ferry Flight Authorization. Flight Standards District Offices are authorized to issue Special
overweight ferry flight authorizations. These airplanes are structurally satisfactory for ferry flight if
maintained within the following limits: (1) Takeoff weight must not exceed 130% of the maximum weight
for Normal Category; and (2) The Never Exceed Airspeed (VNE) and Maximum Structural Cruising Speed
(VC) must be reduced by 30%; and (3) Forward and aft center of gravity limits may not be exceeded; and (4)
Structural load factors of +2.5 g. to -1.0 g. may not be exceeded. Requirements for any additional engine oil
should be established in accordance with Advisory Circular AC23.1011-1. Increased stall speeds and
reduced climb performance should be expected for the increased weights. Flight characteristics and
performance at the increased weights have not been evaluated. Procedures for issuing a Flight Permit for
operations of overweight aircraft may be found in Advisory Circular AC21-4B
In addition to the above specified placards, the prescribed operating limitations indicated by an asterisk (*) under
Sections I through XII must also be displayed by permanent markings.
XIII - Model 182S, Skylane, 4 PCLM (Normal Category), Approved 03 October 1996.
Model 182T, Skylane, 4 PCLM (Normal Category), Approved 23 February 2001.
Engine
Lycoming IO-540-AB1A5. Rated 230 Horsepower
Fuel
100/100LL minimum grade aviation gasoline
Engine Limits
For all operations, 2400 RPM
Propeller Limits:
(1) McCauley Constant Speed (182S)
(1)
McCauley Constant Speed
(a)
Propeller: B2D34C235/90DKB-8 (2 blades)
Diameter: not over 82 in., not under 80.5 in.
Pitch settings at 30 in. sta.: Low 17.0º, High 31.8º
(b)
McCauley Spinner: D-7267-2
(c)
McCauley Governor: DC290D1/T8
(2) McCauley Constant Speed (182S, 182T)
(a)
Propeller: B3D36C431/80VSA-1 (3 blades)
Diameter: not over 79 in., not under 77.5 in.
Pitch settings at 30 in. sta.: Low 14.9º, High 31.7º
(b)
McCauley Spinner: D-7261-2
(c)
McCauley Governor: DC290D1/T8
Propeller limits:
Static RPM at full throttle: Not over 2400; Not Under 2300
Airspeed Limits (182S):
Maneuvering
110 Knots IAS
(108 Knots CAS)
Max Structural Cruising
140 Knots IAS
(138 Knots CAS)
Never Exceed
175 Knots IAS
(170 Knots CAS)
Flaps Extended
100 Knots IAS
( 99 Knots CAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com