Electronic Components Datasheet Search
  English  ▼

X  

3A13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3A13
Description  TYPE CERTIFICATE DATA SHEET NO. 3A13
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3A13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3A13 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Page No..
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Rev. No.
66
59
59
59
59
59
59
59
39
39
39
60
49
62
61
51
51
50
Page No..
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Rev. No.
51
51
51
51
51
51
43
51
43
51
51
51
55
58
66
66
65
66
Page No..
37
Rev. No.
66
DEPARTMENT OF TRANSPORTATION
FEDERAL AVIATION ADMINISTRATION
3A13
Revision 66
CESSNA
182
182K
182A
182L
182B
182M
182C
182N
182D
182P
182E
182Q
182F
182R
182G
R182
182H
T182
182J
TR182
182S
182T
T182T
November 3, 2006
TYPE CERTIFICATE DATA SHEET NO. 3A13
This data sheet which is part of Type Certificate No. 3A13 prescribes conditions and limitations under which the product for
which the type certificate was issued meets the airworthiness requirements of the Federal Aviation Regulations.
Type Certificate Holder
Cessna Aircraft Company
P. O. Box 7704
Wichita, Kansas 67277
WARNING: Use of alcohol-based fuels can cause serious performance degradation and fuel system component damage,
and is therefore prohibited on Cessna airplanes.
I - Model 182, Skylane, 4 PCLM (Normal Category), Approved March 2, 1956
Engine
Continental O-470-L
*Fuel
80 minimum grade aviation gasoline
*Engine Limits
For all operations, 2600 r.p.m. (230 hp.)
Propeller and
1. Hartzell constant speed
Propeller Limits
(a) Hub HC82XF-1 or HCA2XF-1 or BHCA2XF-1 with 8433-2 blades
Diameter: not over 82 in., not under 80 in.
Pitch settings at 30 in. sta.:
low 12°, high 24°
(b) Cessna spinner 0752006
(c) Woodward governor 210065, 210105, 210155 or 210340
2. McCauley constant speed
(a) Hub 2A36C with blades 90M-8
Diameter: not over 82 in., not under 80 in.
Pitch settings at 36 in. sta.:
low 10.5°, high 22°
(b) Cessna spinner 0752004
(c) Woodward governor 210065, 210105, 210155, 210345 or 210452,
or McCauley C290D2/T1 or C290D3/T1


Similar Part No. - 3A13

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
3A1311-2710J KEYSIGHT-3A1311-2710J Datasheet
3Mb / 45P
InfiniiVision 6000 X-Series Oscilloscopes
More results

Similar Description - 3A13

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
HDT SCHURTER-HDT Datasheet
192Kb / 4P
NO 2pole, IP65, illuminated Data sheet / Specifications
logo
Molex Electronics Ltd.
53623-1074 MOLEX11-53623-1074 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
1301790387 MOLEX11-1301790387 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Molex Electronics Ltd.
1064152007 MOLEX11-1064152007 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
1064152015 MOLEX11-1064152015 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com