Electronic Components Datasheet Search
  English  ▼

X  

3A13 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 3A13
Description  TYPE CERTIFICATE DATA SHEET NO. 3A13
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3A13 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 3A13 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 11Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 12Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 13Page - List of Unclassifed Manufacturers 3A13 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
3A13
Page 10 of 37
Rev. 66
VII - Model 182M
(cont’d)
Propeller and
1. McCauley constant speed
Propeller Limits
(a) Hub 2A34C66/90AT-8 blades
Diameter: not over 82 in., not under 80 in.
Pitch settings at 36 in. sta.:
low 10.5°, high 22°
(b) Cessna spinner 0752637
(c) Woodward governor 210065, 210105, 210155, 210345, or 210452,
or Garwin 34-828-01, or McCauley C290D2/T1 or C290D3/T1
2. McCauley constant speed
(a) Hub 2A34C201/90DA-8 blades
Diameter: not over 82 in., not under 80 in.
Pitch settings at 30 in. sta.:
low 13°, high 24.5°
(b) Cessna spinner 0752637
(c) Woodward governor 210065, 210105, 210155, 210345, or 210452,
or Garwin 34-828-01, or McCauley C290D2/T1 or C290D3/T1
3. McCauley constant speed
(a) Hub 2A34C203/90DCA-8 blades
Diameter: not over 82 in., not under 80.5 in.
Pitch settings at 30 in. sta.:
low 12.5°, high 25°
(b) Cessna spinner 0752637
(c) Woodward governor 210065, 210105, 210155, 210345, or 210452,
or Garwin 34-828-01, or McCauley C290D2/T1 or C290D3/T1
*Airspeed Limits
Maneuvering
128 m.p.h. (111 knots)
(CAS)
Maximum structural cruising
160 m.p.h. (139 knots)
Never exceed
193 m.p.h. (168 knots)
Flaps extended
110 m.p.h. ( 96 knots)
C.G. Range
(+38.4) to (+47.4) at 2800 lb.
(+33.0) to (+47.4) at 2250 lb. or less
Straight line variation between points given
Empty Wt. C.G. Range
None
*Maximum Weight
2800 lb.
No. of Seats
4 (2 at +36, 2 at +71)
Maximum Baggage
120 lb. (+97)
Fuel Capacity
65 gal. (60 gal. usable); two 32.5 gal. tanks in wings at +48
See NOTE 1 for data on unusable fuel
Oil Capacity
12 qt. (-15) (6 qt. usable)
See NOTE 1 for data on undrainable oil
Control Surface
Wing flaps
40° +1°, -2°
Movements
Elevator tab
Up
25° +2°
Down
15° +1°
Ailerons
Up
20° +2°
Down
15° +2°
Elevator(relative to stabilizer)
Up
26° +1°
Down
17° +1°
Rudder
Right
24° +1°
Left
24° +1°
Serial Nos. Eligible
Model 182M: 18257699, 18259306 through 18260055 (1969 Model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com