Electronic Components Datasheet Search
  English  ▼

X  

MS132 Datasheet(PDF) 2 Page - ABB

Part # MS132
Description  Manual motor starter MS132
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MS132 Datasheet(HTML) 2 Page - ABB

  MS132 Datasheet HTML 1Page - ABB MS132 Datasheet HTML 2Page - ABB MS132 Datasheet HTML 3Page - ABB MS132 Datasheet HTML 4Page - ABB MS132 Datasheet HTML 5Page - ABB MS132 Datasheet HTML 6Page - ABB MS132 Datasheet HTML 7Page - ABB MS132 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 2CDC131021D0201
Application
The manual motor starters protect the load and the installa-
tion against short-circuit and overload. They are three pole
protection devices with thermal tripping elements for overload
protection and electro-magnetic tripping elements for short-
circuit protection. Furthermore, they provide a disconnect
function for safely isolation of the installation and the supply
and can be used for the manual switching of loads.
Operation mode
Single-phase operation
Three-phase operation
The manual motor starters have a setting scale in Amperes,
which allows the direct adjusting of the device without any
additional calculation. In compliance with international and
national standards, the setting current is the rated current of
the motor and not the tripping current (no tripping at 1.05 x I,
tripping at 1.2 x I; I = setting current).
Type
Lower value
Upper value
Resistance
Power loss per Phase [W] at
setting range
setting range
per phase
Lower value of
Upper value of
[A]
[A]
[
W]
setting range
setting range
MS132-0.16
0.10
0.16
66.00
0.7
1.7
MS132-0.25
0.16
0.25
25.50
0.7
1.7
MS132-0.4
0.25
0.40
10.38
0.7
1.7
MS132-0.63
0.40
0.63
4.36
0.7
1.7
MS132-1.0
0.63
1.00
1.605
0.7
1.7
MS132-1.6
1.00
1.60
0.648
0.7
1.7
MS132-2.5
1.60
2.50
0.272
0.7
1.7
MS132-4.0
2.50
4.00
0.106
0.7
1.7
MS132-6.3
4.00
6.30
0.046
0.7
1.7
MS132-10
6.30
10.0
0.024
0.9
2.4
MS132-16
10.0
16.0
0.011
1.1
2.8
MS132-20
16.0
20.0
0.0057
1.5
2.3
MS132-25
20.0
25.0
0.0045
1.8
2.8
MS132-32
25.0
32.0
0.0030
1.9
3.1
Resistance and power losses per phase
Connections
Lockable handle
Test function
Terminals 2T1, 4T2, 6T3
Terminals 1L1, 3L2, 5L3
Switch position TRIP
Trip indication
for short-circuit
Current setting range



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com