Electronic Components Datasheet Search
  English  ▼

X  

MS132 Datasheet(PDF) 6 Page - ABB

Part # MS132
Description  Manual motor starter MS132
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MS132 Datasheet(HTML) 6 Page - ABB

  MS132 Datasheet HTML 1Page - ABB MS132 Datasheet HTML 2Page - ABB MS132 Datasheet HTML 3Page - ABB MS132 Datasheet HTML 4Page - ABB MS132 Datasheet HTML 5Page - ABB MS132 Datasheet HTML 6Page - ABB MS132 Datasheet HTML 7Page - ABB MS132 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 2CDC131021D0201
Type
Rated instantaneous
Rated current l
n / Conventional
short-circuit current setting l
i [A]
free-air thermal current l
th [A]
MS132-0.16
1.25 … 1.87
0.16
MS132-0.25
1.95 … 2.92
0.25
MS132-0.4
3.12 … 4.68
0.40
MS132-0.63
4.91 … 7.37
0.63
MS132-1.0
9.20 … 13.8
1.00
MS132-1.6
14.7 … 22.1
1.60
MS132-2.5
23.0 … 34.5
2.50
MS132-4.0
40.0 … 60.0
4.00
MS132-6.3
63.0 … 94.5
6.30
MS132-10
120 … 180
10.0
MS132-16
192 … 288
16.0
MS132-20
240 … 360
20.0
MS132-25
300 … 450
25.0
MS132-32
384 … 576
32.0
Type
400 V AC
690 V AC
I
CS [kA]
I
CU [kA]
gG [A]
I
CS [kA]
I
CU [kA]
gG [A]
MS132-0.16
100
100
°
100
100
°
MS132-0.25
100
100
°
100
100
°
MS132-0.4
100
100
°
100
100
°
MS132-0.63
100
100
°
100
100
°
MS132-1.0
100
100
°
100
100
°
MS132-1.6
100
100
°
100
100
°
MS132-2.5
100
100
°
100
100
°
MS132-4.0
100
100
°
3
3
on request
MS132-6.3
100
100
°
3
3
on request
MS132-10
100
100
°
3
3
on request
MS132-16
50
50
on request 3
3
on request
MS132-20
50
50
on request 3
3
on request
MS132-25
50
50
on request 3
3
on request
MS132-32
25
25
on request 3
3
on request
Short-Circuit protection
l
CS = Rated service short-circuit breaking capacity
l
CU = Rated ultimate short-circuit breaking capacity
o
= No back-up fuse required, because short-circut
proof up to 100 kA
Type
MS132
Technical data
Electrical connection
MS132
≤ 10A
Connecting capacity
solid
1/2 x AWG16 ... AWG12
stranded
1/2 x AWG16 ... AWG12
flexible without ferrule
1/2 x AWG16 ... AWG12
Stripping length
9 mm
Tightening torque
10 - 12 lb-in
Connection screw
M3.5 (Pozidrive 2)
MS132-16
Connecting capacity
solid
1/2 x AWG16 ... AWG12
stranded
1/2 x AWG16 ... AWG12
flexible without ferrule
1/2 x AWG16 ... AWG12
Stripping length
10 mm
Tightening torque
14 lb-in
Connection screw
M4 (Pozidrive 2 / 6.5 mm)
MS132-20, -25, -32
Connecting capacity
stranded
1/2 x AWG12 ... AWG8
flexible without ferrule
1/2 x AWG12 ... AWG8
Stripping length
10 mm
Tightening torque
18 lb-In
Connection screw
M4 (Pozidrive 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com