Electronic Components Datasheet Search
  English  ▼

X  

MS132 Datasheet(PDF) 3 Page - ABB

Part # MS132
Description  Manual motor starter MS132
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MS132 Datasheet(HTML) 3 Page - ABB

  MS132 Datasheet HTML 1Page - ABB MS132 Datasheet HTML 2Page - ABB MS132 Datasheet HTML 3Page - ABB MS132 Datasheet HTML 4Page - ABB MS132 Datasheet HTML 5Page - ABB MS132 Datasheet HTML 6Page - ABB MS132 Datasheet HTML 7Page - ABB MS132 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2CDC131021D0201 3
Dimensions
MS132
≤ 10 A + screw fixing kit
MS132 > 10 A + screw fixing kit
MS132
≤ 10 A
MS132 > 10 A
Wiring diagram
1,5 / 0,06"
14 / 0,55"
45 / 1,77"
14 / 0,55"
72,4 / 2,85"
81,25 / 3,2"
5,5 / 0,22"
43,5 / 1,71"
mm / inch
9 / 0,35"
Ø 4,5 / Ø 0,18"
17,5 / 0,69"
5,4 / 0,21"
mm / inch
1,5 / 0,06"
14 / 0,55"
14 / 0,55"
45 / 1,77"
5,5 / 0,22"
43,3 / 0,22"
72,2 / 2,84"
81,05 / 3,19"
mm / inch
5,4 / 0,21"
9 / 0,35"
Ø 4,5 / Ø 0,18"
17,5 / 0,69"
mm / inch
2CDC242015F0009
2CDC242017F0009
2CDC242016F0009
2CDC242018F0009



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com