Electronic Components Datasheet Search
  English  ▼

X  

MS132 Datasheet(PDF) 7 Page - ABB

Part # MS132
Description  Manual motor starter MS132
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MS132 Datasheet(HTML) 7 Page - ABB

  MS132 Datasheet HTML 1Page - ABB MS132 Datasheet HTML 2Page - ABB MS132 Datasheet HTML 3Page - ABB MS132 Datasheet HTML 4Page - ABB MS132 Datasheet HTML 5Page - ABB MS132 Datasheet HTML 6Page - ABB MS132 Datasheet HTML 7Page - ABB MS132 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2CDC131021D0201 7
Type
Motor rating, single phase
120 VAC
240 VAC
480 VAC
hp
FLA
LRA
hp
FLA
LRA
hp
FLA
LRA
MS132-0.16
-
0.16
0.96
-
0.16
0.96
-
0.16
0.96
MS132-0.25
-
0.25
1.5
-
0.25
1.5
-
0.25
1.5
MS132-0.4
-
0.4
2.4
-
0.4
2.4
-
0.4
2.4
MS132-0.63
-
0.63
3.78
-
0.63
3.78
-
0.63
3.78
MS132-1.0
-
1
6
-
1
6
-
1
6
MS132-1.6
-
1.6
9.6
1/10
1.6
9.6
-
1.6
9.6
MS132-2.5
-
2.5
15
1/6
2.5
15
1/2
2.5
15
MS132-4.0
1/8
4
24
1/3
4
24
1/2
4
24
MS132-6.3
1/4
6.3
37.8
1/2
6.3
37.8
1
6.3
37.8
MS132-10
1/2
9.8
58.8
1-1/2
10
60
3
-
-
MS132-16
1
16
96
2
12
72
5
-
-
MS132-20
1-1/2
20
120
3
-
-
5
-
-
MS132-25
2
24
144
3
-
-
7-1/2
-
-
MS132-32
2
24
144
5
-
-
10
-
-
Type
Motor rating, three phase
120 VAC
240 VAC
480 VAC
600 VAC
hp
FLA
LRA
hp
FLA
LRA
hp
FLA
LRA
hp
FLA
LRA
MS132-0.16
-
0.16
0.96
-
0.16
0.96
-
0.16
0.96
-
0.16
0.96
MS132-0.25
-
0.25
1.5
-
0.25
1.5
-
0.25
1.5
-
0.25
1.5
MS132-0.4
-
0.4
2.4
-
0.4
2.4
-
0.4
2.4
-
0.4
2.4
MS132-0.63
-
0.63
3.78
-
0.63
3.78
-
0.63
3.78
-
0.63
3.78
MS132-1.0
-
1
6
-
1
6
-
1
6
1/2
1
6
MS132-1.6
-
1.6
9.6
-
1.6
9.6
3/4
1.6
9.6
3/4
1.6
9.6
MS132-2.5
-
2.5
15
1/2
2.5
15
1
2.5
15
1-1/2
2.5
15
MS132-4.0
-
4
24
1
4
24
2
4
24
3
-
-
MS132-6.3
1/2
6.3
37.8
1-1/2
6.3
37.8
3
-
-
5
-
-
MS132-10
3/4
10
60
3
-
-
5
-
-
7-1/2
-
-
MS132-16
2
16
84
5
-
-
10
-
-
10
-
-
MS132-20
3
-
-
5
-
-
10
-
-
15
-
-
MS132-25
3
-
-
7-1/2
-
-
15
-
-
20
-
-
MS132-32
5
-
-
10
-
-
20
-
-
25
-
-
Type
General purpose
Protective devices
rating at max.
Fuse K5 / RK5
Circuit breaker
600 VAC [A]
[A]
[A]
MS132-0.16
0.16
250
250
MS132-0.25
0.25
250
250
MS132-0.4
0.40
250
250
MS132-0.63
0.63
250
250
MS132-1.0
1.00
250
250
MS132-1.6
1.60
250
250
MS132-2.5
2.50
250
250
MS132-4.0
4.00
250
250
MS132-6.3
6.30
250
250
MS132-10
10.0
250
250
MS132-16
16.0
250
250
MS132-20
20.0
250
250
MS132-25
25.0
250
250
MS132-32
32.0
250
250
UL / CSA ratings



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com