Electronic Components Datasheet Search
  English  ▼

X  

MS132 Datasheet(PDF) 1 Page - ABB

Part # MS132
Description  Manual motor starter MS132
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MS132 Datasheet(HTML) 1 Page - ABB

  MS132 Datasheet HTML 1Page - ABB MS132 Datasheet HTML 2Page - ABB MS132 Datasheet HTML 3Page - ABB MS132 Datasheet HTML 4Page - ABB MS132 Datasheet HTML 5Page - ABB MS132 Datasheet HTML 6Page - ABB MS132 Datasheet HTML 7Page - ABB MS132 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Manual motor starter MS132
Data sheet
Description
- Overload protection – trip class 10
- Phase loss sensitivity
- Disconnect function
- Temperature compensation from -25 … +60 °C
- Adjustable current setting for overload protection
- Suitable for three- and single-phase application
- Trip-free mechanism
- Trip indication
- Clear switch position indication ON/OFF/TRIP
- Lockable handle
Ordering details
MS132 screw terminal
Manual motor starters are electrome-
chanical protection devices for the main
circuit. They are used mainly to switch
motors manually ON/OFF and protect
them fuse less against short-circuit,
overload and phase failures.
Fuse less protection with a manual motor
starter saves costs, space and ensures
a quick reaction under short-circuit
condition, by switching off the motor
within milliseconds. Fuse less starter
combinations are setup together with
contactors.
Setting range
Type
Trip
Order code
Packaging
Weight
[A]
class
unit [Pcs]
[g]
0.10 ... 0.16
MS132-0.16
10A
1SAM350000R1001
1
215
0.16 ... 0.25
MS132-0.25
10
1SAM350000R1002
1
215
0.25 ... 0.40
MS132-0.4
10
1SAM350000R1003
1
215
0.40 ... 0.63
MS132-0.63
10
1SAM350000R1004
1
215
0.63 ... 1.00
MS132-1.0
10
1SAM350000R1005
1
215
1.00 ... 1.60
MS132-1.6
10
1SAM350000R1006
1
265
1.60 ... 2.50
MS132-2.5
10
1SAM350000R1007
1
265
2.50 ... 4.00
MS132-4.0
10
1SAM350000R1008
1
265
4.00 ... 6.30
MS132-6.3
10
1SAM350000R1009
1
265
6.30 ... 10.00
MS132-10
10
1SAM350000R1010
1
265
10.00 ... 16.00
MS132-16
10
1SAM350000R1011
1
310
16.00 ... 20.00
MS132-20
10
1SAM350000R1013
1
310
20.00 ... 25.00
MS132-25
10
1SAM350000R1014
1
310
25.00 ... 32.00
MS132-32
10
1SAM350000R1015
1
310
Note: MS132 with pre-assembled auxiliary conact HKF1-11, please order as follow 1SAM250005Rxxxx


Similar Part No. - MS132

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
MS1320ECP-12 EMP-CENTAURI-MS1320ECP-12 Datasheet
595Kb / 1P
Multiswitch 13in / 20out
MS1320ECU-12 EMP-CENTAURI-MS1320ECU-12 Datasheet
238Kb / 1P
Multiswitch 13in / 20out
MS1320NEU-12 EMP-CENTAURI-MS1320NEU-12 Datasheet
244Kb / 2P
EoC Multiswitch 13in / 20out
MS1326ECP-17 EMP-CENTAURI-MS1326ECP-17 Datasheet
595Kb / 2P
Multiswitch 13in / 26out
MS1326ECU-17 EMP-CENTAURI-MS1326ECU-17 Datasheet
219Kb / 1P
Multiswitch 13in / 26out
More results

Similar Description - MS132

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PSA3R3MA2A604 THINKING-PSA3R3MA2A604 Datasheet
479Kb / 9P
Motor Starter
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
Motor control starter kit
17-Sep-2010
logo
Texas Instruments
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
Manual Motor Starter MU
logo
Renesas Technology Corp
RSKRL78G14 RENESAS-RSKRL78G14 Datasheet
1Mb / 35P
Renesas Starter Kit User?셲 Manual
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
Hybrid motor starter
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
Manual motor starter, fractional horsepower
Aug 8, 2019
logo
List of Unclassifed Man...
IT900 ETC-IT900 Datasheet
970Kb / 18P
STK4 (Starter Kit) User Manual
February 2011
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com