Electronic Components Datasheet Search
  English  ▼

X  

MS132 Datasheet(PDF) 5 Page - ABB

Part # MS132
Description  Manual motor starter MS132
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MS132 Datasheet(HTML) 5 Page - ABB

  MS132 Datasheet HTML 1Page - ABB MS132 Datasheet HTML 2Page - ABB MS132 Datasheet HTML 3Page - ABB MS132 Datasheet HTML 4Page - ABB MS132 Datasheet HTML 5Page - ABB MS132 Datasheet HTML 6Page - ABB MS132 Datasheet HTML 7Page - ABB MS132 Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2CDC131021D0201 5
Type
MS132
General Data
Mechniacl durability
105
Electrical durability
5 x 104
Duty time
100%
Dimensions (W x H x D)
see dimension drawing
Weight
see ordering data
Mounting
DIN-rail (EN 60715)
Mounting positions
optional for single mounting
(position 1-6)
Group Mounting
on request
Minimum distance to other units same type
horizontal
none
vertical
150 mm
Minimum distance to electrical conductive wall (earthed)
horizontal
none
vertical
75 mm
Degree of protection acc. to IEC/EN 60947-1
enclosure / terminals
IP20
Utilization Category acc. to IEC/EN 60947-2
A
Altitude
up to 2000 m
Environmental data
Ambient air temperature range
Operation
open - compensated
-25 °C ... +60 °C
open
-25 °C ... +60 °C
Storage
-50 °C ... +80 °C
Temperature compensation
continuous
Vibration (sinusoidal) acc. to IEC/EN 60068-2-6 (Fc)
5 g / 3 - 150 Hz
Shock (half-sine) acc. to IEC/EN 60068-2-27 (Ea)
25 g / 11 ms
Standards / Directives
Standard
IEC/EN 60947–2, ICE/EN 60947-4-1,
IEC/EN 60947-1, UL 508;
CSA 22.2 No. 14
Low Voltage Directive
2006/95/EC
EMC Directive
2004/108/EC
RoHS Directive
2002/95/EC
Electromagnetic compatibility
not applicable
Approvals, markings
Approvals
see last page
Markings
see last page
UL/CSA
Max. operational voltage
600 V
General purpose rating at max. 600 VAC
see separate table
Motor ratings
Horse power
see separate table
Full load amps (FLA)
see separate table
Locked rotor amps (LRA)
see separate table
Short circuit rating RMS at 480 VAC
30 kA
Short circuit rating RMS at 600 VAC
18 kA
Short-Circuit Protective devices
see separate table



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com