Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet(PDF) 17 Page - Analog Devices

Part # LT7170
Description  20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7170 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT7170 Datasheet HTML 13Page - Analog Devices LT7170 Datasheet HTML 14Page - Analog Devices LT7170 Datasheet HTML 15Page - Analog Devices LT7170 Datasheet HTML 16Page - Analog Devices LT7170 Datasheet HTML 17Page - Analog Devices LT7170 Datasheet HTML 18Page - Analog Devices LT7170 Datasheet HTML 19Page - Analog Devices LT7170 Datasheet HTML 20Page - Analog Devices LT7170 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
LT7170/LT7170-1
THEORY OF OPERATION
analog.com
Rev. 0 | 17 of 36
OVERVIEW
The LT7170/LT7170-1 are monolithic, dual-phase, DC/DC synchro-
nous step-down regulators capable of providing up to 20 A of
continuous output current with input supply voltages up to 16
V. For the LT7170, connect SW0 and SW1 together to a single
inductor to drive a single-regulated output supply. For the LT7170-1
dual-phase option, connect an inductor to each of the switch pins,
SW0 and SW1, to drive a single-regulated output supply. The
switching phases are set to 180° out of phase. The phase selected
by configuration resistors or by the MFR_PWM_PHASE_LT7170
command sets the phase difference between the SYNC/PWM_CFG
input and the SW0 output. The I2C-based serial peripheral interface
(SPI) is compatible with PMBus 1.3, which supports bus speeds up
to 1 MHz.
Major features include the following:
►
Programmable VOUT
►
Programmable current limit
►
Programmable fSW
►
Programmable overvoltage and undervoltage comparators
►
Programmable on and off delay times
►
Programmable output rise and/or fall times
►
Programmable control loop compensation
►
Programmable input undervoltage threshold
►
Selectable switch slew rate for EMI and efficiency optimization
►
Dedicated power-good pin
►
PLL for synchronous operation with an external clock
►
Input and output voltage, output current, and die temperature
telemetry
►
Programmable output current readback sampling window
►
Reduced power telemetry mode that slows analog-to-digital
converter (ADC) sampling frequency to reduce input quiescent
current
►
Fully differential remote VOUT sense
►
3x programmable nonvolatile configuration memory with error
correcting code (ECC)
►
Optional external configuration resistors to set key operating
parameters
►
Standalone operation using either configuration resistors or non-
volatile configuration memory
►
A variety of fault and warning handling and reporting mecha-
nisms
A dedicated ALERT pin is provided to indicate that faults or warn-
ings have occurred.
Individual status commands enable fault and warning reporting to
identify the specific event.
Fault reporting and shutdown behavior are fully configurable. Faults
can be individually masked, and the fault responses can be pro-
grammed to retry or remain shutdown. Fault and warning detection
capabilities include the following:
►
Output undervoltage and overvoltage faults and warnings
►
Internal overtemperature fault and warning
►
Communication, memory, or logic (CML) faults
►
Input overvoltage fault and undervoltage warning
►
Output overcurrent fault and warning
SWITCHING REGULATOR CONTROL LOOP
The LT7170/LT7170-1 employ a controlled on-time, valley current-
mode architecture. In normal operation, the internal top power,
metal-oxide semiconductor FET (MOSFET) is turned on for an
interval determined by an on-time control circuit. When the top
power MOSFET turns off, the bottom power MOSFET turns on until
the valley current comparator trips, restarting the on-time control
circuit and initiating the next cycle. Inductor current is determined
by sensing the voltage drop across the bottom power MOSFET
when it is on. The error amplifier adjusts the average inductor cur-
rent (ITH) node voltage by comparing the regulator output voltage
with an internal reference digital-to-analog converter (DAC) output.
The voltage on the ITH node sets the comparator threshold, which
is compared with the sensed-inductor valley current. An increase
in load current causes a drop in the output voltage relative to the
internal reference. The error amplifier responds by forcing the ITH
voltage higher until the average inductor current matches that of the
load current.
An internal PLL synchronizes the oscillator frequency to an external
clock signal if one is present on the SYNC/PWM_CFG pin. If no ex-
ternal clock is applied, the fSW is set by the FREQUENCY_SWITCH
command, which can be initialized by using configuration resistors
(see the Setting Switching Frequency and PWM Mode for more
details).
NVM
The LT7170/LT7170-1 contain internal programmable NVM with
ECC to store user configuration settings. The NVM can be pro-
grammed up to three times. During NVM write operations, TJ must
be between −40°C and +125°C, and VIN must be biased between
9.6 V to 16 V.
In addition to ECC, the integrity of the on-board NVM is checked
with a cyclic redundancy check (CRC) calculation after a power-on
reset or execution of a RESTORE_USER_ALL command. If an
invalid CRC is detected, the regulator output remains disabled until
the issue is resolved.
See the LT7170/LT7170-1 PMBus/I2C Reference Manual for more
information about NVM programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com