Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet(PDF) 23 Page - Analog Devices

Part # LT7170
Description  20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7170 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT7170 Datasheet HTML 19Page - Analog Devices LT7170 Datasheet HTML 20Page - Analog Devices LT7170 Datasheet HTML 21Page - Analog Devices LT7170 Datasheet HTML 22Page - Analog Devices LT7170 Datasheet HTML 23Page - Analog Devices LT7170 Datasheet HTML 24Page - Analog Devices LT7170 Datasheet HTML 25Page - Analog Devices LT7170 Datasheet HTML 26Page - Analog Devices LT7170 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
LT7170/LT7170-1
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 23 of 36
The LT7170/LT7170-1 automatically synchronize PWM switching
to an external clock input on the SYNC/PWM_CFG pin unless
the LT7170/LT7170-1 are configured as an output driver or are
programmed to ignore the input clock. When an external synchro-
nization clock is used on the SYNC/PWM_CFG pin, the LT7170/
LT7170-1 automatically use forced continuous mode. The LT7170/
LT7170-1 continue PWM operation using their own internal oscilla-
tor if the external clock signal is lost. If an external synchroniza-
tion clock is used, it is recommended to program the FREQUEN-
CY_SWITCH command or to use RPWM_CFG to set the internal
oscillator frequency to a value close to the external clock frequency
to ensure that the PWM fSW remains consistent if the external clock
is lost. The LT7170/LT7170-1 can be programmed to ignore an
external clock by writing a 1 to MFR_SYNC_CONFIG_ LT7170, Bit
1.
For an input clock frequency of 400 kHz to 625 kHz, it is recom-
mended to use a RPWM_CFG that selects a PWM frequency of 500
kHz. For an input clock frequency from 625 kHz to 1.25 MHz, it is
recommended to use a RPWM_CFG that selects a PWM frequency of
1 MHz. For an input clock frequency from 1.25 MHz to 2.5 MHz, it
is recommended to use a RPWM_CFG that selects a PWM frequency
of 2 MHz. For an input clock frequency from 2.5 MHz to 4 MHz, it is
recommended to use a RPWM_CFG that selects a PWM frequency of
4 MHz.
Figure 34. PWM Resistor Configuration Without an External Clock
The LT7170/LT7170-1 can be configured to provide a synchronizing
clock output on the SYNC/PWM_CFG pin to other devices by
setting Bit 0 of MFR_SYNC_CONFIG_LT7170 to 1.
If the SYNC/PWM_CFG output clock is enabled, the LT7170/
LT7170-1 drive the SYNC/PWM_CFG pin as a square wave
from 0 V to 1.88 V (typical) at the frequency programmed in
the FREQUENCY_SWITCH command. The phase of SYNC leads
the phase of the Phase 0 PWM output by the value set in the
MFR_PWM_PHASE_ LT7170 command. Only one device connect-
ed to the SYNC/PWM_CFG pin can be configured as an output.
When a clock is active on the SYNC/PWM_CFG pin, the
MFR_PWM_PHASE_LT7170 command specifies the phase rela-
tionship between the rising edge of the SYNC/PWM_CFG pin and
the rising edge of the LT7170/LT7170-1 SW0 pin.
Figure 35. PWM Resistor Configuration with an External Clock
If both the SYNC/PWM_CFG RPWM_CFG and synchronization clock
input functions are used, the clock signal must be AC-coupled
using a 1.5 nF capacitor between the clock source and the LT7170/
LT7170-1, as shown in Figure 35. In this case, the clock signal
must be inactive during LT7170/LT7170-1 initialization to ensure
it does not interfere with the resistor configuration function. If the
AC-coupled clock source output impedance is less than 50 Ω, a 50
Ω resistor must be added in-series with the clock source. See Table
8 for PWM_CFG resistor selections.
If the SYNC/PWM_CFG pin is used only as a clock input or output,
and MFR_CONFIG_ALL_LT7170, Bit 6, is written to 1 in the NVM
to disable the resistor configuration pins, no configuration resistor or
AC-coupling capacitor is required.
If an external clock is applied to the SYNC/PWM_CFG pin through-
out initialization, and the function of the resistor configuration pins
is not disabled, the LT7170/LT7170-1 measure the clock frequency
and initialize the FREQUENCY_SWITCH command to the meas-
ured frequency rounded to the nearest 100 kHz. In this case,
MFR_PWM_PHASE is set to 0° and forced continuous mode is
selected. Note that, unless the functionality of the resistor config-
uration pins is disabled, an external clock applied to the SYNC/
PWM_CFG pin must be either active or inactive throughout the
entire LT7170/LT7170-1 initialization process. If the clock activity
changes during initialization, for example, if the clock starts after
initialization begins but before it completes, the frequency measure-
ment may be inaccurate, which can lead to the LT7170/LT7170-1
incorrectly initializing the FREQUENCY_SWITCH command or de-
claring a pin configuration fault. See the MFR_PIN_CONFIG_STA-
TUS command in the LT7170/LT7170-1 PMBus/I2C Reference Man-
ual for more information regarding pin configuration faults.
SINGLE PHASE FOR THE LT7170
The LT7170 is a single-phase, monolithic, DC/DC synchronous,
step-down regulator that delivers up to 20 A of continuous output
current. A single phase drives the SW0 and SW1 pins tied to one
inductor to drive a single-regulated output supply.
For single-phase operation, connect the LT7170 SW0 and SW1
pins together and to a single inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com